전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6N137A 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 6N137A
상세설명  High Speed Optocoupler, 10 MBd
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N137A 데이터시트(HTML) 4 Page - Vishay Siliconix

  6N137A Datasheet HTML 1Page - Vishay Siliconix 6N137A Datasheet HTML 2Page - Vishay Siliconix 6N137A Datasheet HTML 3Page - Vishay Siliconix 6N137A Datasheet HTML 4Page - Vishay Siliconix 6N137A Datasheet HTML 5Page - Vishay Siliconix 6N137A Datasheet HTML 6Page - Vishay Siliconix 6N137A Datasheet HTML 7Page - Vishay Siliconix 6N137A Datasheet HTML 8Page - Vishay Siliconix 6N137A Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
6N137A
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 22-May-13
4
Document Number: 84131
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 2 - Test Circuit for tPLH, tPHL, tr, and tf
Fig. 3 - Test Circuit for tEHL, and tELH
Notes
(1) CMH is the maximum tolerable rate of rise of the common mode voltage to assure that the output will remain in a high logic state
(i.e. VO > 2.0 V)
(2) CML is the maximum tolerable rate of fall of the common mode voltage to assure that the output will remain in a low logic state (i.e. VO > 0.8 V)
(3) No external pull up is required for a high logic state on the enable input. If the enable pin in not used, trying it to VCC.
Fig. 4 - Test Circuit for Common Mode Transient Immunity
COMMON MODE TRANSIENT IMMUNITY
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Logic high common mode
transient immunity (1)(3)
|VCM| = 50 V, VCC = 5 V, IF = 0 mA,
VO(min.) = 2 V, RL = 350 , Tamb = 25 °C
|CMH|1000
V/μs
Logic low common mode
transient immunity (2)(3)
|VCM| = 50 V, VCC = 5 V, IF = 7.5 mA,
VO(min.) = 0 V, RL = 350 , Tamb = 25 °C
|CML|1000
V/μs
18964-7
1
2
3
4
8
7
6
5
The probe and Jig capacitances are included in C
Input IF
Output VO
IF
0 mA
VOL
1.5 V
t
PHL
t
PLH
VOH
C = 15 pF
GND
0.1 µF
bypass
VCC
VOUT
VCC
IF
R
R
L
Input IF
monitoring
node
Output VO
monitoring
node
L
Pulse gen.
Z = 50
Ω
t = t = 5 ns
o
f
r
M
L
= 7.5 mA
IF = 3.75 mA
VE
18975-5
1
2
3
4
8
7
6
5
The probe and Jig capacitances are included in C
Input VE
Output VO
tEHL
tELH
C = 15 pF
GND
0.1 µF
bypass
VCC
VOUT
VCC
IF
RL
Output VO
monitoring
node
L
Pulse gen.
Z = 50
Ω
t = t = 5 ns
o
f
r
L
7.5 mA
Input V
monitoring node
E
3 V
1.5 V
1.5 V
VE
18976-6
V
CM (PEAK)
Switch AT A: IF
Switch AT A:
V
O
(min.
V
O
(max.)
0 V
5 V
V
CM
V
O
VO 0.5 V
CM
H
CML
1
2
3
4
8
7
6
5
GND
0.1 µF
bypass
V
CC
VOUT
VCC
R
L
Output VO
monitoring
node
+
-
V
CM
B
A
V
FF
I
F
Pulse generator
Z = 50
Ω
O
VE
)
= 0 mA
IF = 7.5 mA


유사한 부품 번호 - 6N137A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
6N137A VISHAY-6N137A Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
6N137A-X001 VISHAY-6N137A-X001 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
6N137A-X007T VISHAY-6N137A-X007T Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
6N137A-X017T VISHAY-6N137A-X017T Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
More results

유사한 설명 - 6N137A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
VO0600T VISHAY-VO0600T_12 Datasheet
156Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8
Rev. 2.0, 25-Oct-12
VOW137 VISHAY-VOW137 Datasheet
193Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
Rev. 1.0, 07-Aug-14
VOW2611 VISHAY-VOW2611 Datasheet
191Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
VO0600T VISHAY-VO0600T Datasheet
167Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.6, 14-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com