전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

J0006D21NL 데이터시트(PDF) 6 Page - Pulse A Technitrol Company

부품명 J0006D21NL
상세설명  1x1 Tab-DOWN RJ45
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PULSE [Pulse A Technitrol Company]
홈페이지  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J0006D21NL 데이터시트(HTML) 6 Page - Pulse A Technitrol Company

  J0006D21NL Datasheet HTML 1Page - Pulse A Technitrol Company J0006D21NL Datasheet HTML 2Page - Pulse A Technitrol Company J0006D21NL Datasheet HTML 3Page - Pulse A Technitrol Company J0006D21NL Datasheet HTML 4Page - Pulse A Technitrol Company J0006D21NL Datasheet HTML 5Page - Pulse A Technitrol Company J0006D21NL Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
pulseelectronics.com
PulseJack™
1x1 Tab-DOWN RJ45
J403.K (08/12)
For More Information
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA
92128
U.S.A.
Tel: 858 674 8100
Pulse Europe
Einsteinstrasse 1
D-71083 Herren-
berg
Germany
Tel: 49 7032 7806
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technol-
ogy Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzen, PR China
518057
Pulse North China
Room 2704/2705
Super Ocean Finance
Ctr.
2067 Yan An Road
West
Shanghai 200336
China
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 198
Zhongyuan Road
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823
(Pulse)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2012. Pulse Electronics, Inc. All rights reserved.
Yellow
585 nm
2.5 V
2.1 V
Green
565 nm
2.5 V
2.2
Standard LED
Wavelength
Forward* V(MAX)
(TYP)
* Using an internal resistor within the LED increases the voltage rating of the
diode from 2.5 V to 5.0 V (assumes bias current = 20 mA).
LED Configuration


유사한 부품 번호 - J0006D21NL

제조업체부품명데이터시트상세설명
logo
Pulse A Technitrol Comp...
J0006D21NL PULSE-J0006D21NL Datasheet
373Kb / 6P
   10/100 Base-TX RJ45 1x1 Tab-DOWN with LEDs 8-pin (J0 series) integrated magnetics connector (ICM), designed to
J0006D21NL PULSE-J0006D21NL Datasheet
1Mb / 6P
   RoHS peak wave solder temperature rating 260C
More results

유사한 설명 - J0006D21NL

제조업체부품명데이터시트상세설명
logo
Pulse A Technitrol Comp...
J436 PULSE-J436 Datasheet
568Kb / 5P
   1X1 Tab-Down RJ45
J00-0025 PULSE-J00-0025 Datasheet
143Kb / 3P
   1x1 Tab-DOWN RJ45
J434 PULSE-J434 Datasheet
576Kb / 3P
   1x1 Tab-DOWN RJ45
JXR0-0011NL PULSE-JXR0-0011NL Datasheet
742Kb / 5P
   PulseJack 1X1 Tab-Down RJ45
logo
HALO Electronics, Inc.
HFJ11-CMC1ERL HALO-HFJ11-CMC1ERL Datasheet
421Kb / 3P
   1x1 Tab-Down Common Mode Choke RJ45
logo
SUYIN USA, INC.
101110F9017M447ZA SUYIN-USA-101110F9017M447ZA Datasheet
210Kb / 9P
   RJ45 1X1 TAB DOWN W/LED & TRANSFORMER
101110F9012M440ZA SUYIN-USA-101110F9012M440ZA Datasheet
211Kb / 9P
   RJ45 1X1 TAB DOWN W/LED & TRANSFORMER
101110FD0V7M442ZA SUYIN-USA-101110FD0V7M442ZA Datasheet
204Kb / 9P
   RJ45 1X1 TAB DOWN W/LED & TRANSFORMER
logo
List of Unclassifed Man...
HFJ11-2450ERL ETC2-HFJ11-2450ERL Datasheet
356Kb / 2P
   1x1 Tab-Down 10/100BASE-T RJ45
logo
HALO Electronics, Inc.
HFJ11-2450HRL HALO-HFJ11-2450HRL Datasheet
478Kb / 3P
   1x1 Tab-Down 10/100BASE-TX RJ45
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com