전자부품 데이터시트 검색엔진 |
|
CS5451-BS 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers |
|
CS5451-BS 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers |
6 / 14 page CS5451 6 DS458PP4 SWITCHING CHARACTERISTICS (T A = -40 °C to +85 °C; VA+, VD+ = 3.0 V ±10%; VA- = -2 V ±10%; DGND = AGND = 0.0 V; Logic Levels: Logic 0 = 0.0 V, Logic 1 = VD+; CL = 50pF)) Notes: 12. Device parameters are specified with a 4.000 MHz clock, OWRS = 1. 13. Specified using 10% and 90% points on wave-form of interest. Output loaded with 50 pF. Parameter Symbol Min Typ Max Unit Master Clock Frequency (Note 12) XIN 3 4.000 5 MHz Master Clock Duty Cycle - 40 - 60 % Rise Times Any Digital Input (Note 13) Any Digital Output trise - - - 50 1.0 - µs ns Fall Times Any Digital Input (Note 13) Any Digital Output tfall - - - 50 1.0 - µs ns Serial Port Timing Serial Clock Frequency (Note 12) OWRS = “0” OWRS = “1” SCLK SCLK - - 500 1000 - - kHz kHz Serial Clock Pulse Width High (Note 12) Pulse Width Low (Note 10) t1 t2 - - 0.5 0.5 - - SCLK SCLK SCLK falling to New Data Bit t3 - - 50 ns FSO Falling to SCLK Rising Delay (Note 12) t4 -0.5 - SCLK FSO Pulse Width (Note 12) t5 -1 - SCLK SE Rising to Output Enabled t6 - - 50 ns SE Falling to Output in Tri-state t7 - - 50 ns SE 6 t 6 t SDO SCLK t 2 t 1 t 3 FSO 4 t 5 t MSB(V1) MSB(V1) - 1 LSB(I3) Figure 1. Serial Port Timing |
유사한 부품 번호 - CS5451-BS |
|
유사한 설명 - CS5451-BS |