전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2425N5075AHF 데이터시트(PDF) 1 Page - Anaren Microwave

부품명 BD2425N5075AHF
상세설명  Ultra Low Profile 0404 Balun
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANAREN [Anaren Microwave]
홈페이지  http://www.anaren.com
Logo ANAREN - Anaren Microwave

BD2425N5075AHF 데이터시트(HTML) 1 Page - Anaren Microwave

  BD2425N5075AHF Datasheet HTML 1Page - Anaren Microwave BD2425N5075AHF Datasheet HTML 2Page - Anaren Microwave BD2425N5075AHF Datasheet HTML 3Page - Anaren Microwave BD2425N5075AHF Datasheet HTML 4Page - Anaren Microwave BD2425N5075AHF Datasheet HTML 5Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model BD2425N5075AHF
Rev B
Ultra Low Profile 0404 Balun
50
to 75
Balanced
Description
The BD2425N5075AHF is a low cost, low profile sub-miniature unbalanced to
balanced transformer designed for differential inputs and output locations on modern
chipsets in an easy to use surface mount package. The BD2425N5075AHF is
halogen-free, ideal for high volume manufacturing and delivers higher performance
than traditional ceramic baluns. The BD2425N5075AHF has an unbalanced port
impedance of 50Ω and a 75Ω balanced port impedance. This transformation
enables single ended signals to be applied to differential ports on modern integrated
chipsets. The output ports have equal amplitude (-3dB) with 180 degree phase
differential. The BD2425N5075AHF is available on tape and reel for pick and place
high volume manufacturing.
Detailed Electrical Specifications: Specifications subject to change without notice.
ROOM (25°°°°C)
Parameter
Min.
Typ.
Max
Unit
Frequency
2400
2500
MHz
Unbalanced Port Impedance
50
Balanced Port Impedance
75
Return Loss
14
18
dB
Insertion Loss*
0.7
0.9
dB
Amplitude Balance
0.3
0.9
dB
Phase Balance
1
3
Degrees
CMRR
35
dB
Power Handling
1
Watts
Features:
• 2400 – 2500 MHz
• 0.56mm Height Profile
• 50 Ohm to 2 x 37.5 Ohm
• Low Insertion Loss
• 802.11 b+g
• MIMO b+g
• Bluetooth
• Zigbee
• Surface Mountable
• Tape & Reel
• Non-conductive surface
• RoHS Compliant
• Halogen-Free
Operating Temperature
-55
+85
ºC
* Insertion Loss stated at room temperature (Insertion Loss is approximately 0.1 dB higher at +85 ºC)
Outline Drawing
Mechanical Outline
Dimensions are in Inches [Millimeters]
Tolerances are Non-Cumulative
Bottom View (Far-side)
Side View
Top View (Near-side)
Unbalanced Port
GND / DC Feed
+ RF GND
4
3
Designation
Pin
1
2
1
2
3
4
Balanced Port
.041±.004
[1.04±0.10]
.041±.004
[1.04±0.10]
.022±.002
[0.56±0.05]
.020 [0.51]
.020 [0.51]
3x.010
[0.25]
3x.010
[0.25]
Balanced Port
.012 [0.30]
.012 [0.30]


유사한 부품 번호 - BD2425N5075AHF

제조업체부품명데이터시트상세설명
logo
Anaren Microwave
BD2425N5075A00 ANAREN-BD2425N5075A00 Datasheet
236Kb / 6P
   Ultra Low Profile 0404 Balun 50廓 to 75廓 Balanced
BD2425N5075A50 ANAREN-BD2425N5075A50 Datasheet
222Kb / 5P
   Ultra Low Profile 0404 Balun 50廓 to 75廓 Balanced
More results

유사한 설명 - BD2425N5075AHF

제조업체부품명데이터시트상세설명
logo
Anaren Microwave
BD4859N5050AHF ANAREN-BD4859N5050AHF Datasheet
298Kb / 5P
   Ultra Low Profile 0404 Balun
BD4859N50100AHF ANAREN-BD4859N50100AHF Datasheet
193Kb / 5P
   Ultra Low Profile 0404 Balun
BD1416N50100AHF ANAREN-BD1416N50100AHF Datasheet
177Kb / 5P
   Ultra Low Profile 0404 Balun
BD4859N50150AHF ANAREN-BD4859N50150AHF Datasheet
296Kb / 5P
   Ultra Low Profile 0404 Balun
BD2327N50100AHF ANAREN-BD2327N50100AHF Datasheet
159Kb / 5P
   Ultra Low Profile 0404 Balun
BD2425NNRFA00 ANAREN-BD2425NNRFA00 Datasheet
249Kb / 3P
   Ultra Low Profile 0404 Balun For nRF24L01 and nRF24L01
BD4859N5050AHF ANAREN-BD4859N5050AHF_14 Datasheet
293Kb / 6P
   Ultra Low Profile 0404 Balun 50 to 50 Balanced
BD4859N50100A00 ANAREN-BD4859N50100A00_14 Datasheet
385Kb / 6P
   Ultra Low Profile 0404 Balun 50 to 100 Balanced
BD2425N50100AHF ANAREN-BD2425N50100AHF Datasheet
295Kb / 5P
   Ultra Low Profile 0404 Balun 50 to 100 Balanced
BD2425N50200AHF ANAREN-BD2425N50200AHF Datasheet
295Kb / 5P
   Ultra Low Profile 0404 Balun 50 to 200 Balanced
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com