전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTA1273 데이터시트(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

부품명 KTA1273
상세설명  PNP Silicon Epitaxial Planar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BILIN [Galaxy Semi-Conductor Holdings Limited]
홈페이지  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

KTA1273 데이터시트(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  KTA1273 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited KTA1273 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited KTA1273 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited KTA1273 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited KTA1273 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Production specification
PNP Silicon Epitaxial Planar Transistor
KTA1273
E107
www.gmicroelec.com
Rev.A
1
FEATURES
1W(Mounted on Ceramic Substrate).
Small flat package.
Complementary: KTC3205.
SOT-89
ORDERING INFORMATION
Type No.
Marking
Package Code
KTA1273
1273
SOT-89
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-30
V
VCEO
Collector-Emitter Voltage
-30
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-2
A
IE
Emitter Current
2
A
PC
Collector Dissipation
1
W
Tj,Tstg
Junction and Storage Temperature
-55 to +150
Pb
Lead-free


유사한 부품 번호 - KTA1273

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTA1273 KEC-KTA1273 Datasheet
278Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
logo
Shenzhen Jin Yu Semicon...
KTA1273 HTSEMI-KTA1273 Datasheet
304Kb / 1P
   TRANSISTOR (PNP)
logo
SHENZHEN YONGERJIA INDU...
KTA1273 WINNERJOIN-KTA1273 Datasheet
123Kb / 1P
   TRANSISTOR (PNP)
logo
KEC(Korea Electronics)
KTA1273 KEC-KTA1273 Datasheet
83Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Foshan Blue Rocket Elec...
KTA1273 FOSHAN-KTA1273 Datasheet
948Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package.
More results

유사한 설명 - KTA1273

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com