전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744732152 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 744732152
상세설명  WE-TI Radial Leaded Wire Wound Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744732152 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744732152_16 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744732152_16 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744732152_16 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744732152_16 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744732152_16 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 744732152_16 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
8.0
7.0
6.6
6.5
6.4
6.3
6.2
REV
2016-06-16
2016-03-23
2014-09-10
2014-03-31
2013-04-29
2013-03-12
2012-12-06
DATE
KaS
KaS
SSt
SSt
SSt
SSt
SSt
BY
MaKa
MaKa
SSt
SSt
SSt
COt
SSt
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-TI Radial Leaded Wire Wound Inductor
Order.- No.
744732152
SIZE
A4
Size: 8075
A Dimensions: [mm]
Reference on drawing
Marking
Description
Start of winding
152 (Inductance Code)
B Recommended land pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Rated current
Saturation current
DC Resistance
DC Resistance
Self resonant frequency
Test conditions
10 kHz/ 250 mV
∆T = 40 K
|ΔL/L| < 10%
L
IR
Isat
RDC
RDC
fres
Value
1500
0.29
0.50
4.25
4.7
1.75
Unit
µH
A
A
Ω
Ω
MHz
Tol.
±5%
max.
typ.
typ.
max.
typ.
E General information:
It is recommended that the temperature of the part does not exceed 125°C
under worst case operating conditions.
•Ambient temperature: -40°C to +85°C (refering to IR)
•Operating temperature: -40°C to +125°C
•Storage temperature (on tape & reel): -20°C to +40°C; 75% RH max.
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 744732152_16

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744732152 WURTH-744732152 Datasheet
1,002Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
More results

유사한 설명 - 744732152_16

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7447480101 WURTH-7447480101 Datasheet
982Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
7447480681 WURTH-7447480681 Datasheet
980Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
744732015 WURTH-744732015 Datasheet
997Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
744732331 WURTH-744732331 Datasheet
997Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
744741471 WURTH-744741471 Datasheet
985Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
744743471 WURTH-744743471 Datasheet
992Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
7447462470 WURTH-7447462470 Datasheet
588Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
7447462681 WURTH-7447462681 Datasheet
575Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
7447452102 WURTH-7447452102 Datasheet
980Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
7447720122 WURTH-7447720122 Datasheet
988Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
744772103 WURTH-744772103 Datasheet
978Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com