전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744732470 데이터시트(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 744732470
상세설명  WE-TI Radial Leaded Wire Wound Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744732470 데이터시트(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744732470_16 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744732470_16 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744732470_16 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744732470_16 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744732470_16 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 744732470_16 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5.0
4.0
3.6
3.5
3.4
3.3
3.2
REV
2016-06-16
2016-03-23
2014-09-10
2014-03-31
2013-04-29
2013-03-12
2012-12-06
DATE
KaS
KaS
SSt
SSt
SSt
SSt
SSt
BY
MaKa
MaKa
SSt
SSt
SSt
COt
SSt
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-TI Radial Leaded Wire Wound Inductor
Order.- No.
744732470
SIZE
A4
Size: 8075
General:
All recommendations according to the general technical specifications of the data sheet have to be complied with.
The usage and operation of the product within ambient conditions, which probably alloy or harm the wire isolation, has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. The product is exposed to the
pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and so the electrical
as well as the mechanical characteristics are endangered to be affected. After the potting material is cured, the core, wire and termination of
the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply to customer specific products.
Cleaning agents that are used to clean the customer application might damage or change the characteristics of the component, body, pins or
termination.
Direct mechanical impact to the product shall be prevented as the ferrite material of the core could flake or in the worst case it could break.
Product specific:
Follow all instructions mentioned in the data sheet, especially:
•The soldering profile has to be complied with according to the technical wave soldering specification, otherwise this will void the
warranty.
•All products shall be used before the end of the period of 12 months based on the product date code, if not a 100% solderability can´t be
ensured.
•Violation of the technical product specifications such as exceeding the nominal rated current will void the warranty.
•Strong forces and high accelerations of the components of the sizes 1014 and 8012 might have the effect of damaging the electrical
connection or to harm the circuit board due to the heavy weight of the component. These damages will void the warranty.
The general and product specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate and
reliable; however, no responsibility is assumed for inaccuracies or incompleteness.
I Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-TI
of Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 744732470_16

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744732470 WURTH-744732470 Datasheet
1,001Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
More results

유사한 설명 - 744732470_16

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7447480101 WURTH-7447480101 Datasheet
982Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
7447480681 WURTH-7447480681 Datasheet
980Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
744732015 WURTH-744732015 Datasheet
997Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
744732331 WURTH-744732331 Datasheet
997Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
744741471 WURTH-744741471 Datasheet
985Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
744743471 WURTH-744743471 Datasheet
992Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
7447462470 WURTH-7447462470 Datasheet
588Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
7447462681 WURTH-7447462681 Datasheet
575Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
7447452102 WURTH-7447452102 Datasheet
980Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
7447720122 WURTH-7447720122 Datasheet
988Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
744772103 WURTH-744772103 Datasheet
978Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com