전자부품 데이터시트 검색엔진 |
|
FM18L08-70-P 데이터시트(PDF) 11 Page - List of Unclassifed Manufacturers |
|
FM18L08-70-P 데이터시트(HTML) 11 Page - List of Unclassifed Manufacturers |
11 / 11 page Ramtron FM18L08 23 March 2001 11/11 28-pin 600-mil DIP Index Area E1 D A1 e D1 A2 A eA eB E B1 Selected Dimensions For complete dimensions and notes, refer to JEDEC MS-011 Controlling dimensions is in inches. Conversions to millimeters are not exact. Symbol Dim Min Nom. Max A in. mm 0.250 6.35 A1 in. mm 0.015 0.39 A2 in. mm 0.125 3.18 0.195 4.95 B in. mm 0.014 0.356 0.022 0.558 B1 in. mm 0.030 0.77 0.070 1.77 D in. mm 1.380 35.1 1.565 39.7 D1 in. mm 0.005 0.13 E in. mm 0.600 15.24 0.625 15.87 E1 in. mm 0.485 12.32 0.580 14.73 e in. mm 0.100 BSC 2.54 BSC eA in. mm 0.600 BSC 15.24 BSC eB in. mm 0.700 17.78 |
유사한 부품 번호 - FM18L08-70-P |
|
유사한 설명 - FM18L08-70-P |