전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GSQ05A04 데이터시트(PDF) 4 Page - Nihon Inter Electronics Corporation

부품명 GSQ05A04
상세설명  Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NIEC [Nihon Inter Electronics Corporation]
홈페이지  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

GSQ05A04 데이터시트(HTML) 4 Page - Nihon Inter Electronics Corporation

  GSQ05A04 Datasheet HTML 1Page - Nihon Inter Electronics Corporation GSQ05A04 Datasheet HTML 2Page - Nihon Inter Electronics Corporation GSQ05A04 Datasheet HTML 3Page - Nihon Inter Electronics Corporation GSQ05A04 Datasheet HTML 4Page - Nihon Inter Electronics Corporation GSQ05A04 Datasheet HTML 5Page - Nihon Inter Electronics Corporation GSQ05A04 Datasheet HTML 6Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
GSQ05A04/GSQ05A04B
Tj= 150 °C
0
10
20
30
40
PEAK REVERSE VOLTAGE (V)
50
100
200
AVERAGE REVERSE POWER DISSIPATION
GSQ05A04/GSQ05A04B
0
10
20
30
40
REVERSE VOLTAGE (V)
0
1
2
3
4
5
6
7
8
D.C.
RECT 300°
RECT 240°
RECT 180°
HALF SINE WAVE


유사한 부품 번호 - GSQ05A04

제조업체부품명데이터시트상세설명
logo
Kyocera Kinseki Corpota...
GSQ05A04 KSS-GSQ05A04 Datasheet
546Kb / 7P
   Schottky Barrier Diode
logo
Nihon Inter Electronics...
GSQ05A04B NIEC-GSQ05A04B Datasheet
55Kb / 6P
   Schottky Barrier Diode
logo
National Instruments Co...
GSQ05A04B NI-GSQ05A04B_15 Datasheet
131Kb / 1P
   SBD
GSQ05A04 NI-GSQ05A04_15 Datasheet
116Kb / 1P
   SBD
More results

유사한 설명 - GSQ05A04

제조업체부품명데이터시트상세설명
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com