전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STEVAL-ILL058V1 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STEVAL-ILL058V1
상세설명  Speed control potentiometer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILL058V1 데이터시트(HTML) 3 Page - STMicroelectronics

  STEVAL-ILL058V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILL058V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILL058V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILL058V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ILL058V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ILL058V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ILL058V1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DocID025924 Rev 1
3/7
STEVAL-ILL058V1
Schematic diagrams
7
Figure 3. Jumpers to simulate open circuit
Figure 4. Jumpers to simulate short circuit
Figure 5. Connector
OPEN_1_2
OPEN_1_1
OPEN_6_2
OPEN_6_1
OPEN_11_2
OPEN_11_1
OPEN_16_2
OPEN_16_1
OPEN_21_2
OPEN_21_1
OPEN_26_2
OPEN_26_1
OPEN_31_2
OPEN_31_1
OPEN_36_2
OPEN_36_1
8
8
1
1
J
J
2
2
N
N
O
O
C
C
9
9
1
1
J
J
2
2
N
N
O
O
C
C
7
7
1
1
J
J
2
2
N
N
O
O
C
C
5
5
1
1
J
J
2
2
N
N
O
O
C
C
0
0
2
2
J
J
2
2
N
N
O
O
C
C
6
6
1
1
J
J
2
2
N
N
O
O
C
C
4
4
1
1
J
J
2
2
N
N
O
O
C
C
1
1
2
2
J
J
2
2
N
N
O
O
C
C
GSPG12022014DI1545
4V5
SHORT40
4V5
SHORT39
4V5
SHORT38
4V5
SHORT37
1
1
1
1
J
J
2
2
N
N
O
O
C
C
2
2
1
1
J
J
2
2
N
N
O
O
C
C
0
0
1
1
J
J
2
2
N
N
O
O
C
C
9
9
J
J
2
2
N
N
O
O
C
C
GSPG12022014DI1550
UART_TX
UART_RX
VDD
UART_RX
UART_TX
GND
2
2
2
2
J
J
5
4
3
2
1
3
3
2
2
J
J
3
2
1
4
4
J
J
4
3
2
1
Daughter card connector
CON5_Mounting
CON3_LIN
GSPG12022014DI1555


유사한 부품 번호 - STEVAL-ILL058V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-ILL051V1 STMICROELECTRONICS-STEVAL-ILL051V1 Datasheet
217Kb / 4P
   3 A HB LED driver with dimming function based on the LED2000 in an SO-8 Batwing package
May 2016 Rev 2
STEVAL-ILL051V2 STMICROELECTRONICS-STEVAL-ILL051V2 Datasheet
231Kb / 4P
   Internal current limiting
May 2016 Rev 2
STEVAL-ILL052V1 STMICROELECTRONICS-STEVAL-ILL052V1 Datasheet
84Kb / 4P
   RoHS compliant
October 2012 Rev 1
STEVAL-ILL053V1 STMICROELECTRONICS-STEVAL-ILL053V1 Datasheet
95Kb / 4P
   RoHS compliant
October 2012 Rev 1
STEVAL-ILL054V1 STMICROELECTRONICS-STEVAL-ILL054V1 Datasheet
230Kb / 4P
   Internal current limiting
More results

유사한 설명 - STEVAL-ILL058V1

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
X9460 INTERSIL-X9460 Datasheet
308Kb / 16P
   Dual Audio Control Digitally Controlled Potentiometer
logo
Mitsubishi Electric Sem...
M51971L MITSUBISHI-M51971L Datasheet
387Kb / 13P
   MOTOR SPEED CONTROL
M51970L MITSUBISHI-M51970L Datasheet
71Kb / 4P
   MOTOR SPEED CONTROL
logo
Analog Devices
AD5228 AD-AD5228_15 Datasheet
440Kb / 20P
   32-Position Manual Up/Down Control Potentiometer
REV. A
AD5228 AD-AD5228 Datasheet
341Kb / 20P
   32-Position Manual Up/Down Control Potentiometer
REV. 0
logo
Maxim Integrated Produc...
DS1802 MAXIM-DS1802 Datasheet
819Kb / 17P
   Dual Audio Taper Potentiometer With Pushbutton Control
051401
logo
Catalyst Semiconductor
CAT5128 CATALYST-CAT5128 Datasheet
285Kb / 8P
   32-Tap Digital Up/Down Control Potentiometer
logo
Analog Devices
AD5227 AD-AD5227 Datasheet
384Kb / 16P
   64-Position Up/Down Control Digital Potentiometer
REV. B
logo
Dallas Semiconductor
DS1802 DALLAS-DS1802 Datasheet
291Kb / 17P
   Dual Audio Taper Potentiometer With Pushbutton Control
logo
ON Semiconductor
CAT5128 ONSEMI-CAT5128 Datasheet
178Kb / 8P
   32-Tap Digital Up/Down Control Potentiometer
Doc. No. MD-2128 Rev. B
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com