전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STEVAL-ILL060V1 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STEVAL-ILL060V1
상세설명  High brightness LED array driver with diagnostics for automotive
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILL060V1 데이터시트(HTML) 1 Page - STMicroelectronics

  STEVAL-ILL060V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILL060V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILL060V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILL060V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ILL060V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ILL060V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ILL060V1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
For further information contact your local STMicroelectronics sales office.
May 2014
DocID026325 Rev 1
1/7
STEVAL-ILL060V1
High brightness LED array driver with diagnostics for automotive
applications based on the STAP16DPPS05 and STM8A
Data brief
Features
• 6 - 24 VDC power supply with reverse voltage
protection, short-circuit protection and input
surge protection and standard DC jack input
• Backward/forward transition switch to change
modes
• SWIM connector for MCU programing and
debugging
• Connector for LIN development and evaluation
• Potentiometer to change brightness and speed
of patterns
• 32 white LEDs (PLCC 4)
• 8 jumpers to simulate open-circuit error
• 4 jumpers, to simulate short-circuit error
• USB-UART bridge to interface board with GUI
• Demonstrates pre-configured patterns (with
adjustable brightness/speed) such as rolling
text, wave effect, dot sequence, etc. in stand-
alone mode
• Demonstrates basic mode or frame
programming mode with GUI SW
• RoHS compliant
Description
The STEVAL-ILL060V1 is a high brightness LED
array driver evaluation board with diagnostics
based on STMicroelectronics’ automotive-grade
low voltage, 16-bit constant current LED sink
driver STAP16DPPS05.
The LED driver is configured and controlled
through an 8-bit automotive-grade STM8A
microcontroller via an SPI interface. An A5974D
DC-DC converter, also automotive-grade,
provides the voltages and power needed for
overall operation of the board.
www.st.com


유사한 부품 번호 - STEVAL-ILL060V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-ILL061V1 STMICROELECTRONICS-STEVAL-ILL061V1 Datasheet
159Kb / 7P
   High brightness 4x4 RGB LED matrix
October 2013 Rev 1
STEVAL-ILL062V1 STMICROELECTRONICS-STEVAL-ILL062V1 Datasheet
207Kb / 5P
   32 white LEDs
August 2014 Rev 1
STEVAL-ILL063V1 STMICROELECTRONICS-STEVAL-ILL063V1 Datasheet
239Kb / 4P
   Short-circuit protection
December 2014 Rev 2
STEVAL-ILL064V1 STMICROELECTRONICS-STEVAL-ILL064V1 Datasheet
188Kb / 4P
   BB- boost topology
August 2014 Rev 1
STEVAL-ILL065V1 STMICROELECTRONICS-STEVAL-ILL065V1 Datasheet
162Kb / 4P
   Peak current mode architecture
August 2014 Rev 1
More results

유사한 설명 - STEVAL-ILL060V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-ILL059V1 STMICROELECTRONICS-STEVAL-ILL059V1 Datasheet
288Kb / 6P
   High brightness LED array driver with diagnostics for automotive
August 2014 Rev 1
logo
Allegro MicroSystems
A6269 ALLEGRO-A6269 Datasheet
286Kb / 15P
   Automotive LED Array Driver
logo
Bruckewell Technology L...
BW9910 BWTECH-BW9910 Datasheet
1Mb / 14P
   High Brightness LED Driver
logo
Princeton Technology Co...
PT6903 PTC-PT6903 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6903 PTC-PT6903_10 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6905 PTC-PT6905 Datasheet
358Kb / 4P
   High Brightness LED Driver
logo
AiT Semiconductor Inc.
A8180 AITSEMI-A8180 Datasheet
794Kb / 19P
   LED LIGHTING DRIVER HIGH BRIGHTNESS LED DRIVER WITH INTERNAL SWITCH
REV3.0 - APR 2010
logo
SHANGHAI BELLING CO., L...
BL9580 BELLING-BL9580 Datasheet
350Kb / 17P
   High Brightness LED Driver with Internal Switch
BL9581 BELLING-BL9581 Datasheet
325Kb / 16P
   High Brightness LED Driver with Internal Switch
BL9582 BELLING-BL9582 Datasheet
309Kb / 16P
   High Brightness LED Driver with Internal Switch
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com