전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM25141RGET 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 LM25141RGET
상세설명  Wide Input Range Synchronous Buck Controller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM25141RGET 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LM25141RGET Datasheet HTML 7Page - Texas Instruments LM25141RGET Datasheet HTML 8Page - Texas Instruments LM25141RGET Datasheet HTML 9Page - Texas Instruments LM25141RGET Datasheet HTML 10Page - Texas Instruments LM25141RGET Datasheet HTML 11Page - Texas Instruments LM25141RGET Datasheet HTML 12Page - Texas Instruments LM25141RGET Datasheet HTML 13Page - Texas Instruments LM25141RGET Datasheet HTML 14Page - Texas Instruments LM25141RGET Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
Temperature ( C)
°
-60
-40
-20
0
20
40
60
80
100
120
140
1600
1700
1800
1900
2000
2100
2200
2300
2400
2500
2600
D017
RT 49.9 k
RT 43.2 k
RT 61.9 k
Temperature (qC)
-60
-40
-20
0
20
40
60
80
100
120
140
200
240
280
320
360
400
440
480
520
560
600
D018
RT 49.9 k:
RT 44.2 k:
RT 73.2 k:
Temperature (qC)
-60
-40
-20
0
20
40
60
80
100
120
140
0
10
20
30
40
50
60
70
80
90
D015
Temperature (qC)
-60
-40
-20
0
20
40
60
80
100
120
140
60
65
70
75
80
85
90
95
100
105
110
D016
Temperature (qC)
-60
-40
-20
0
20
40
60
80
100
120
140
2040
2100
2160
2220
2280
2340
2400
D013
Temperature (qC)
-60
-40
-20
0
20
40
60
80
100
120
140
410
415
420
425
430
435
440
445
450
455
460
465
470
D014
11
LM25141
www.ti.com
SNVSAU1 – MARCH 2017
Product Folder Links: LM25141
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25ºC, unless otherwise noted
VIN 12 V
EN = 12 V
OSC = VDDA
Figure 13. 2.2-MHz Oscillator Frequency vs Temperature
VIN 12 V
EN = 12 V
OSC = AGND
Figure 14. 440-kHz Oscillator Frequency vs Temperature
VIN 18 V
Figure 15. ton Minimum vs Temperature
VIN 3.8 V
VOUT 3.3 V
Figure 16. toff Minimum vs Temperature
VIN 12 V
Figure 17. RT Frequency vs Temperature (2.2 MHz)
VIN 12 V
Figure 18. RT Frequency vs Temperature (440 kHz)


유사한 부품 번호 - LM25141RGET

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM25141 TI-LM25141 Datasheet
2Mb / 55P
[Old version datasheet]   LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM25141 TI-LM25141 Datasheet
4Mb / 69P
[Old version datasheet]   LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM25141 TI-LM25141 Datasheet
5Mb / 70P
[Old version datasheet]   LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
FEBRUARY 2023
LM25141 TI1-LM25141 Datasheet
3Mb / 60P
[Old version datasheet]   LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
AUGUST 2023
LM25141-Q1 TI1-LM25141-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
More results

유사한 설명 - LM25141RGET

제조업체부품명데이터시트상세설명
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com