전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STEVAL-ILL067V1 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STEVAL-ILL067V1
상세설명  All automotive-grade components
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILL067V1 데이터시트(HTML) 5 Page - STMicroelectronics

  STEVAL-ILL067V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILL067V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILL067V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILL067V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ILL067V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ILL067V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ILL067V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-ILL067V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-ILL067V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STEVAL-ILL067V1
Board description and efficiency measurement
DocID027964 Rev 1
5/10
Connector
Name
Function
J14
ROW5
J15
ROW6
Table 2: STEVAL-ILL067V1 test points
Test point
Function
AVCC
+5 V LDO output monitor (device supply rail).
COMP
COMP pin monitor (output of the trans-conductance amplifier of the control loop).
Table 3: STEVAL-ILL067V1 jumpers and switches
Jumper /
switch
Function
SW1
FSW pin assignment. When the jumper is set in the upper position (FSW to R5), the
switching frequency of the boost converter is set by R5 (1 MHz). In the lower position
(FSW to VCC), the FSW pin is tied high and the 630 kHz fixed switching frequency is
set. In case an external synchronization clock has to be applied at the FSW pin, this
jumper must be in the upper position.
SW2
MODE pin setting. This jumper allows to set high (VCC) or low (GND) the MODE pin
in order to select the desired LED fault management. I case some channels are not
used, the MODE pin must be set high.
SW3
EN low pushbutton. When pressed the EN pin (internally pulled-up) is tied to ground.
Used to restart the device in case a latched turn-off due to a faulty condition.
SW4
DIM pin setting. If the jumper is set in the right position (VCC), the DIM pin is held
high and the LEDs are driven at full-brightness as soon as the EN pin goes high. If the
jumper is set in the left position (D3), the EN pin is pulled-down by R12 and activated
by the PWM signal applied at the DIM pin through D3. This way a single-wire control
is achieved (automatic device turn-on as soon as PWM dimming is applied). Note:D3
(BAT54K) & R12 (220k) are natively not mounted.


유사한 부품 번호 - STEVAL-ILL067V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-ILL060V1 STMICROELECTRONICS-STEVAL-ILL060V1 Datasheet
407Kb / 7P
   High brightness LED array driver with diagnostics for automotive
May 2014 Rev 1
STEVAL-ILL061V1 STMICROELECTRONICS-STEVAL-ILL061V1 Datasheet
159Kb / 7P
   High brightness 4x4 RGB LED matrix
October 2013 Rev 1
STEVAL-ILL062V1 STMICROELECTRONICS-STEVAL-ILL062V1 Datasheet
207Kb / 5P
   32 white LEDs
August 2014 Rev 1
STEVAL-ILL063V1 STMICROELECTRONICS-STEVAL-ILL063V1 Datasheet
239Kb / 4P
   Short-circuit protection
December 2014 Rev 2
STEVAL-ILL064V1 STMICROELECTRONICS-STEVAL-ILL064V1 Datasheet
188Kb / 4P
   BB- boost topology
August 2014 Rev 1
More results

유사한 설명 - STEVAL-ILL067V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-ILL072V1 STMICROELECTRONICS-STEVAL-ILL072V1 Datasheet
246Kb / 4P
   All automotive grade components
June 2015 Rev 1
logo
Advanced Semiconductor ...
ANM1730 ASB-ANM1730 Datasheet
231Kb / 3P
   All Components Inside SiP
January 2013
logo
Maxim Integrated Produc...
MAX2371EVKIT MAXIM-MAX2371EVKIT Datasheet
303Kb / 7P
   All Critical Peripheral Components Included
Rev 0; 2/02
MAX2870EVKIT MAXIM-MAX2870EVKIT Datasheet
3Mb / 17P
   All Critical Peripheral Components Included
Rev 2; 11/15
MAX2112EVKIT MAXIM-MAX2112EVKIT Datasheet
587Kb / 11P
   All Critical Peripheral Components Included
Rev 3; 11/17
MAX2121EVKIT MAXIM-MAX2121EVKIT Datasheet
877Kb / 8P
   All Critical Peripheral Components Included
Rev 1; 5/15
MAX2120EVKIT MAXIM-MAX2120EVKIT Datasheet
650Kb / 11P
   All Critical Peripheral Components Included
Rev 2; 11/14
MAX2223EVKIT MAXIM-MAX2223EVKIT Datasheet
847Kb / 10P
   All Critical Peripheral Components Included
Rev 0; 8/19
MAX3521EVKIT MAXIM-MAX3521EVKIT Datasheet
422Kb / 11P
   All Critical Peripheral Components Included
Rev 1; 6/16
MAX2771EVKIT MAXIM-MAX2771EVKIT Datasheet
1Mb / 12P
   All Critical Peripheral Components Included
Rev 0; 8/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com