전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STEVAL-ISA112V1 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 STEVAL-ISA112V1
상세설명  Complying with EuP Lot 6 requirements
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA112V1 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button STEVAL-ISA112V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 10Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 11Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Measurements
STEVAL-ISA112V1
8/14
Doc ID 024120 Rev 1
4
Measurements
4.1
Electrical performance
Figure 5.
Transformer size side view 1
Figure 6.
Transformer size side view 2
AM11628v1
AM11629v1
Figure 7.
Standby consumption at no load:
IC supplied from the output
(J1 selected)
Figure 8.
Standby consumption at no load:
IC self-supplied (J1 not selected)
AM11630v1
AM11631v1


유사한 부품 번호 - STEVAL-ISA112V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-ISA110V1 STMICROELECTRONICS-STEVAL-ISA110V1 Datasheet
1Mb / 10P
   12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
February 2013 Rev 1
STEVAL-ISA111V1 STMICROELECTRONICS-STEVAL-ISA111V1 Datasheet
809Kb / 9P
   Wide-range single-output demonstration board based on the VIPER26HN
December 2012 Rev 1
STEVAL-ISA113V1 STMICROELECTRONICS-STEVAL-ISA113V1 Datasheet
1Mb / 11P
   Wide range single-output demonstration board based on the VIPER06HS
January 2013 Rev 1
STEVAL-ISA114V1 STMICROELECTRONICS-STEVAL-ISA114V1 Datasheet
571Kb / 8P
   5 V, 160 mA non-isolated buck converter using VIPer??Plus - VIPER06XS
September 2016 Rev 2
STEVAL-ISA115V1 STMICROELECTRONICS-STEVAL-ISA115V1 Datasheet
119Kb / 4P
   12 V, 150 mA non-isolated buck converter using VIPer??Plus - VIPER06XS
May 2014 Rev 2
More results

유사한 설명 - STEVAL-ISA112V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-ISA121V1 STMICROELECTRONICS-STEVAL-ISA121V1 Datasheet
276Kb / 6P
   Complies with EuP Lot 6 requirements
January 2013 Rev 1
logo
Bothhand USA, LP.
PGH5610S-LF BOTHHAND-PGH5610S-LF Datasheet
388Kb / 2P
   Complying with ROHS requirements.
G2PM109NM-LF BOTHHAND-G2PM109NM-LF Datasheet
335Kb / 2P
   Complying with ROHS requirements
PG4P219AN-1-LF BOTHHAND-PG4P219AN-1-LF Datasheet
363Kb / 2P
   Complying with ROHS requirements
NA69-LF BOTHHAND-NA69-LF Datasheet
236Kb / 2P
   Complying with ROHS & Halogen Free requirements
TS20-HF BOTHHAND-TS20-HF Datasheet
226Kb / 2P
   Complying with ROHS & Halogen Free requirements.
NA0069RM-LF BOTHHAND-NA0069RM-LF Datasheet
242Kb / 2P
   Complying with ROHS & Halogen Free requirements
TST1284C-LF BOTHHAND-TST1284C-LF Datasheet
243Kb / 2P
   Complying with ROHS & Halogen Free requirements.
logo
STMicroelectronics
STEVAL-ISA138V1 STMICROELECTRONICS-STEVAL-ISA138V1 Datasheet
115Kb / 4P
   Light load efficiency: in accordance with ErP Lot 6 Tier2 requirements
logo
ERNI Electronics
354112 ERNI-354112 Datasheet
81Kb / 1P
   FEDERLEISTE M 42-6 LOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com