전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7440450039 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 7440450039
상세설명  WE-LQ SMD Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7440450039 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7440450039_17 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7440450039_17 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7440450039_17 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7440450039_17 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7440450039_17 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 7440450039_17 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4,5 ±0,3
3,6 ±0,3
3,2 ±0,3
1,6 ref.
1,3 ref.
1,6 ref.
sectional drawing A-A
Scale - 5:1
A
A
Marking
3R9 (Inductance Code)
Product Marking:
Recommended Land Pattern: [mm]
5,4 ref.
1,4 ref.
2 ref.
Scale - 5:1
Schematic:
Properties
Test conditions
Value
Unit
Tol.
Inductance
1 MHz/ 100 mV
L
3.9
µH
±20
Rated Current
ΔT = 40 K
IR
1.32
A
max.
Saturation Current
|ΔL/L| < 10 %
ISAT
2.5
A
typ.
DC Resistance
@ 20 °C
RDC
0.14
Ω
max.
Self Resonant Frequency
fres
54
MHz
typ.
Q-factor
1 MHz/ 100 mV
Q
40
ref.
Electrical Properties:
It is recommended that the temperature of the component does not exceed +125°C under worst
case conditions
Ambient Temperature (refering to
IR)
-40 °C up to +85 °C
Operating Temperature
-40 °C up to +125 °C
Storage Temperature (in original
packaging)
-20 °C up to +40 °C
Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently
General Properties:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
JRS
DIN ISO 2768-1m
DESCRIPTION
WE-LQ SMD Inductor
ORDER CODE
7440450039
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
1812
004.000
Valid
2016-12-20
eiSos
1/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 7440450039_17

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7440450039 WURTH-7440450039 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
More results

유사한 설명 - 7440450039_17

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744032003 WURTH-744032003_15 Datasheet
1Mb / 6P
   WE-LQ SMD Inductor
744032680 WURTH-744032680_15 Datasheet
1Mb / 6P
   WE-LQ SMD Inductor
744032100 WURTH-744032100_15 Datasheet
1Mb / 6P
   WE-LQ SMD Inductor
744045008 WURTH-744045008_17 Datasheet
382Kb / 6P
   WE-LQ SMD Inductor
744045120 WURTH-744045120_17 Datasheet
381Kb / 6P
   WE-LQ SMD Inductor
7440320056 WURTH-7440320056_15 Datasheet
1Mb / 6P
   WE-LQ SMD Inductor
744032001 WURTH-744032001_15 Datasheet
1Mb / 6P
   WE-LQ SMD Inductor
744045821 WURTH-744045821_17 Datasheet
381Kb / 6P
   WE-LQ SMD Inductor
744045470 WURTH-744045470 Datasheet
481Kb / 6P
   WE-LQ SMT Power Inductor
002.004
744045820 WURTH-744045820 Datasheet
481Kb / 6P
   WE-LQ SMT Power Inductor
002.004
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com