전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7447797180 데이터시트(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 7447797180
상세설명  WE-PDF SMD Shielded Power Inductor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7447797180 데이터시트(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7447797180_15 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447797180_15 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447797180_15 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447797180_15 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447797180_15 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447797180_15 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447797180_15 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3.6
3.5
3.4
3.3
3.2
3.1
3.0
REV
2015-05-19
2014-06-23
2014-03-26
2013-12-17
2013-04-25
2013-02-20
2011-08-30
DATE
SSt
SSt
SSt
SSt
SSt
SSt
SvS
BY
ALa
SSt
SSt
SSt
SSt
ALa
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-PDF SMD Shielded Power Inductor
Order.- No.
7447797180
SIZE
A4
Size: 1045
G Packaging Specification - Tape and Reel [mm]:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 7447797180_15

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7447797180 WURTH-7447797180 Datasheet
149Kb / 4P
   POWER-CHOKE WE-PDF
logo
Analog Devices
7447797180 AD-7447797180 Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
7447797180 AD-7447797180 Datasheet
2Mb / 32P
   Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
More results

유사한 설명 - 7447797180_15

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7447798181 WURTH-7447798181_15 Datasheet
1Mb / 7P
   WE-PDF SMD Shielded Power Inductor
7447797250 WURTH-7447797250_15 Datasheet
1Mb / 7P
   WE-PDF SMD Shielded Power Inductor
7447798250 WURTH-7447798250_15 Datasheet
1Mb / 7P
   WE-PDF SMD Shielded Power Inductor
7447798131 WURTH-7447798131_15 Datasheet
1Mb / 7P
   WE-PDF SMD Shielded Power Inductor
7447797470 WURTH-7447797470_15 Datasheet
1Mb / 7P
   WE-PDF SMD Shielded Power Inductor
74438324015 WURTH-74438324015 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438324056 WURTH-74438324056 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438324068 WURTH-74438324068 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
744383240056 WURTH-744383240056 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
744383430068 WURTH-744383430068 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com