전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DBF050166HQ 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 DBF050166HQ
상세설명  RF Power Feed-Through Capacitors with Conductor Rod, Class 1, R16 HQ Ceramic Dielectric
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DBF050166HQ 데이터시트(HTML) 2 Page - Vishay Siliconix

  DBF050166HQ Datasheet HTML 1Page - Vishay Siliconix DBF050166HQ Datasheet HTML 2Page - Vishay Siliconix DBF050166HQ Datasheet HTML 3Page - Vishay Siliconix DBF050166HQ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DBF 050166 HQ
www.vishay.com
Vishay Draloric
Revision: 02-Sep-15
2
Document Number: 22107
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) The surface temperature during operation must not exceed +100 °C
(2) DC or low frequency RMS current (< 20 kHz)
SAP PART NUMBER AND ELECTRICAL DATA
PART NUMBER
CERAMIC
CAP.
VALUES
(pF)
RATED
VOLTAGE
(kVP)
RATED
POWER (1)
(kvar)
RATED
CURRENT
(ARMS)
FEED-THROUGH
CURRENT (2)
(A)
DBF50166BQ125P36CB
R16 HQ
125
25.0
Max. 550.0
120.0
80.0
DIMENSIONS in millimeters (inches)
5/16-18 UNC Thread (Both ends)
45°
45°
2
(0.08)
Ø 50
(1.97 Dia.)
Ø 96
(3.78 Dia.)
Ø 6.3 + 0.3 (0.248 + 0.012 Dia.)
DBF50166BQ125P36CB


유사한 부품 번호 - DBF050166HQ

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
DBF050166 VISHAY-DBF050166 Datasheet
255Kb / 3P
   Feed-Through Capacitors with R 16 High Q Ceramic
Revision: 21-Feb-02
DBF050166 VISHAY-DBF050166 Datasheet
140Kb / 3P
   Feed-Through Capacitors with Conductor Rod
Revision: 24-Jan-02
More results

유사한 설명 - DBF050166HQ

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
DB055135HQ VISHAY-DB055135HQ Datasheet
93Kb / 4P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1, R16 HQ Ceramic Dielectric
Revision: 02-Sep-15
DB016030 VISHAY-DB016030 Datasheet
101Kb / 5P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
Revision: 14-Sep-15
DB045120 VISHAY-DB045120 Datasheet
115Kb / 6P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
Revision: 14-Sep-15
DB030088 VISHAY-DB030088 Datasheet
108Kb / 6P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
Revision: 14-Sep-15
DB050110 VISHAY-DB050110 Datasheet
99Kb / 4P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
Revision: 26-Feb-16
TOSZ118100 VISHAY-TOSZ118100 Datasheet
78Kb / 3P
   RF Power Barrel Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
Revision: 11-Sep-15
TOSZ100110 VISHAY-TOSZ100110 Datasheet
74Kb / 3P
   RF Power Barrel Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
Revision: 11-Sep-15
TOSZ118078 VISHAY-TOSZ118078 Datasheet
81Kb / 3P
   RF Power Barrel Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
Revision: 11-Sep-15
DS055100 VISHAY-DS055100 Datasheet
86Kb / 3P
   RF Power Feed-Through Capacitors with Band Conductor, Class 1 Ceramic
Revision: 03-Sep-15
TOSZ120055 VISHAY-TOSZ120055 Datasheet
83Kb / 3P
   RF Power Barrel Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
Revision: 11-Sep-15
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com