전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Z02W9.1V 데이터시트(PDF) 3 Page - KEC(Korea Electronics)

부품명 Z02W9.1V
상세설명  ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

Z02W9.1V 데이터시트(HTML) 3 Page - KEC(Korea Electronics)

  Z02W9.1V Datasheet HTML 1Page - KEC(Korea Electronics) Z02W9.1V Datasheet HTML 2Page - KEC(Korea Electronics) Z02W9.1V Datasheet HTML 3Page - KEC(Korea Electronics) Z02W9.1V Datasheet HTML 4Page - KEC(Korea Electronics) Z02W9.1V Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2001. 7. 9
3/5
Z02W2.0V~24V
Revision No : 4
TYPE No.
Grade
Zener Voltage Vz (V)
Dynamic Impedance
Zz ( )
KNEE Dynamic
Impedance Zzk ( )
Reverse Current
IR( A)
Min.
Max.
Iz
(mA)
MAX.
Iz
(mA)
MAX.
Iz
(mA)
MAX.
VR(V)
Z02W5.6V
5.30
6.00
5
40
5
900
0.5
1
2.5
X
5.30
5.63
Y
5.43
5.81
Z
5.61
6.00
Z02W6.2V
5.80
6.60
5
30
5
500
0.5
1
3.0
X
5.80
6.20
Y
6.00
6.39
Z
6.19
6.60
Z02W6.8V
6.40
7.20
5
25
5
150
0.5
0.5
5.0
X
6.40
6.80
Y
6.60
7.02
Z
6.82
7.20
Z02W7.5V
7.00
7.90
5
23
5
120
0.5
0.5
6.0
X
7.00
7.43
Y
7.23
7.66
Z
7.46
7.90
Z02W8.2V
7.70
8.70
5
20
5
120
0.5
0.5
6.5
X
7.70
8.16
Y
7.96
8.43
Z
8.23
8.70
Z02W9.1V
8.50
9.60
5
18
5
120
0.5
0.5
7.0
X
8.50
9.00
Y
8.80
9.30
Z
9.10
9.60
Z02W10V
9.40
10.60
5
15
5
120
0.5
0.5
8.0
X
9.40
9.93
Y
9.73
10.26
Z
10.06
10.60
Z02W11V
10.40
11.60
5
15
5
120
0.5
0.5
8.5
X
10.40
10.98
Y
10.73
11.26
Z
11.06
11.60
Z02W12V
11.40
12.60
5
15
5
110
0.5
0.5
9.0
X
11.40
11.93
Y
11.73
12.26
Z
12.06
12.60
ELECTRICAL CHARACTERISTICS (Ta=25 )


유사한 부품 번호 - Z02W9.1V

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
Z02W91V KEC-Z02W91V Datasheet
236Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE (CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE)
More results

유사한 설명 - Z02W9.1V

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KDZ6.8CE KEC-KDZ6.8CE Datasheet
438Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ6.8DE KEC-KDZ6.8DE Datasheet
363Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ20V KEC-KDZ20V Datasheet
95Kb / 3P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
Z02W100V KEC-Z02W100V Datasheet
438Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ3.3EV KEC-KDZ3.3EV Datasheet
557Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ5.6CF KEC-KDZ5.6CF Datasheet
360Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ5.6CE KEC-KDZ5.6CE Datasheet
360Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ2.0VV KEC-KDZ2.0VV Datasheet
77Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ6.8CF KEC-KDZ6.8CF Datasheet
363Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ2.4V KEC-KDZ2.4V Datasheet
105Kb / 3P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com