전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AK4376AECB 데이터시트(PDF) 20 Page - Asahi Kasei Microsystems

부품명 AK4376AECB
상세설명  Low-Power Advanced 32-bit DAC with HP
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AKM [Asahi Kasei Microsystems]
홈페이지  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4376AECB 데이터시트(HTML) 20 Page - Asahi Kasei Microsystems

Back Button AK4376AECB Datasheet HTML 16Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 17Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 18Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 19Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 20Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 21Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 22Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 23Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 24Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
[AK4376A]
016014206-E-00
2016/11
- 20 -
DAC Short Delay Sharp Roll-Off Filter (fs = 192 kHz)
(Ta =
40 to 85C; AVDD = CVDD = LVDD = 1.7 to 1.9 V; TVDD = 1.65 to 3.6 V; fs = 192 kHz; DASD bit
=
“1”, DASL bit = “0”)
Parameter
Symbol
Min.
Typ.
Max.
Unit
DAC Digital Filter (LPF):
Passband
−0.001 to +0.135 dB
PB
0
-
88.8
kHz
(Note 49)
6.0 dB
-
96.57
-
kHz
Stopband (Note 49)
SB
105
-
-
kHz
Passband Ripple
PR
0.001
-
+0.135
dB
Stopband Attenuation (Note 50)
SA
56.4
-
-
dB
Group Delay (Note 51)
GD
-
5.5
-
1/fs
DAC Digital Filter (LPF) + DACANA (Headphone-Amp) @ High performance mode :
Frequency Response: 0 to 80.0 kHz
FR
3.00
-
+0.36
dB
DAC Digital Filter (LPF) + DACANA (Headphone-Amp) @ Low power mode :
Frequency Response: 0 to 80.0 kHz
FR
6.52
-
+0.35
dB
Note 49. The passband and stopband frequencies scale with fs (system sampling rate).
PB = 0.4625
 fs (@−0.001/+0.135 dB), SB = 0.5469  fs. Each frequency response refers to
that of 1 kHz.
Note 50. The bandwidth of the stopband attenuation value is from stopband to fs (system sampling rate).
Note 51. The calculated delay time is resulting from digital filtering. This is the time from the input of MSB
for Lch of SDATA to the output of an analog signal. The error of the delay at audio interface is
within +1 [1/fs].


유사한 부품 번호 - AK4376AECB

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AK4376A AKM-AK4376A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
More results

유사한 설명 - AK4376AECB

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AK4376ECB AKM-AK4376ECB Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4377A AKM-AK4377A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4376 AKM-AK4376 Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4376A AKM-AK4376A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4375A AKM-AK4375A Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4375AECB AKM-AK4375AECB Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4331 AKM-AK4331 Datasheet
2Mb / 91P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4456 AKM-AK4456 Datasheet
2Mb / 84P
   115dB 768kHz Advanced 32-bit DAC
AK4366 AKM-AK4366 Datasheet
266Kb / 30P
   Low Power 24-Bit 2ch DAC with HP-AMP
AK4366 AKM-AK4366_04 Datasheet
339Kb / 31P
   Low Power 24-Bit 2ch DAC with HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com