전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AK4376AECB 데이터시트(PDF) 36 Page - Asahi Kasei Microsystems

부품명 AK4376AECB
상세설명  Low-Power Advanced 32-bit DAC with HP
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AKM [Asahi Kasei Microsystems]
홈페이지  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4376AECB 데이터시트(HTML) 36 Page - Asahi Kasei Microsystems

Back Button AK4376AECB Datasheet HTML 32Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 33Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 34Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 35Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 36Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 37Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 38Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 39Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 40Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
[AK4376A]
016014206-E-00
2016/11
- 36 -
DACMCLK Generating Divider Setting
MDIV[7:0] bits control DACMCLK divider.
Table 13. DACMCLK Divider Setting
MDIV[7:0] bits
Dividing Number
00H
1
(default)
01H to FFH
1 / (MDIV + 1)
Crystal Oscillator
The clock for the XTI pin can be generated by two methods. PMOSC bit must be set to “1” when using a
crystal oscillator.
1) X
’tal Mode (PMOSC bit = “1”)
XTI
XTO
AK4376A
Figure 12. X
’tal Mode
Note 69. The capacitor value is dependent on the crystal oscillator.
CL = 21.5 pF (Max.), Rl (Equivalent Series Resistance) = 80Ω (Max.) @ 24.576 MHz
CL = 30.6 pF (Max.), Rl (Equivalent Series Resistance) = 200Ω (Max.) @ 11.2896 MHz
2) External Clock Mode (PMOSC bit =
“0”)
XTI
XTO
AK4376A
External Clock
Figure 13. External Clock Mode
Note 70. Do not input a clock more than AVDD.
3) OFF Mode (Not Using XTI/XTO pins (PMOSC bit =
“0”))
XTI
XTO
AK4376A
Figure 14. OFF Mode


유사한 부품 번호 - AK4376AECB

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AK4376A AKM-AK4376A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
More results

유사한 설명 - AK4376AECB

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AK4376ECB AKM-AK4376ECB Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4377A AKM-AK4377A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4376 AKM-AK4376 Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4376A AKM-AK4376A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4375A AKM-AK4375A Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4375AECB AKM-AK4375AECB Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4331 AKM-AK4331 Datasheet
2Mb / 91P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4456 AKM-AK4456 Datasheet
2Mb / 84P
   115dB 768kHz Advanced 32-bit DAC
AK4366 AKM-AK4366 Datasheet
266Kb / 30P
   Low Power 24-Bit 2ch DAC with HP-AMP
AK4366 AKM-AK4366_04 Datasheet
339Kb / 31P
   Low Power 24-Bit 2ch DAC with HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com