전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AK5552VN 데이터시트(PDF) 45 Page - Asahi Kasei Microsystems

부품명 AK5552VN
상세설명  2-Channel Differential 32-bit ADC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AKM [Asahi Kasei Microsystems]
홈페이지  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5552VN 데이터시트(HTML) 45 Page - Asahi Kasei Microsystems

Back Button AK5552VN_16 Datasheet HTML 41Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 42Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 43Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 44Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 45Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 46Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 47Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 48Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 49Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
[AK5552]
015099871-E-00
2016/03
- 45 -
Figure 54. Audio Interface Timing (Slave mode, TDM mode MCLK=2×BICK)
Figure 55. Audio Interface Timing (Slave mode, TDM mode MCLK=BICK)
[2] DSD mode
DSD output is available only when the AK5552 is in Master mode.
The DCLK frequency can be selected from 64fs, 128fs and 256fs by setting the DSDSEL1-0 pins (bits).
The AK5552 enters Phase Modulation mode by setting PMOD pin =
“H” or PMOD bit = “1”.
It does not support Phase Modulation mode when the DCLK frequency is 256fs. DCKB bit controls DCLK
polarity.
DCLK (64fs, 128fs, 256fs)
DCKB bit=
”1”
DCLK (64fs, 128fs, 256fs)
DCKB bit=
”0”
DSDOL, DSDOR
Normal
DSDOL,DSDOR
Phase Modulation
D1
D0
D1
D2
D0
D2
D3
D1
D2
D3
Figure 56. DSD Mode Timing
MCLK
BICK
tMCB
tBIM
VIH
VIL
VIH
VIL
MCLK
BICK
tMCB
tBIM
VIH
VIL
VIH
VIL


유사한 부품 번호 - AK5552VN_16

제조업체부품명데이터시트상세설명
logo
HuaXinAn Electronics CO...
AK5552VN HUAXINAN-AK5552VN Datasheet
124Kb / 5P
   ADC with 4Filters
logo
Asahi Kasei Microsystem...
AK5552VN AKM-AK5552VN Datasheet
124Kb / 5P
   115dB 768kHz 32-bit 2ch ?꾬걪 ADC with 4Filters
More results

유사한 설명 - AK5552VN_16

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5552 AKM-AK5552 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5572EN AKM-AK5572EN Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ?꾬걪 ADC
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5556 AKM-AK5556 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5538 AKM-AK5538 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com