전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AK7755EN 데이터시트(PDF) 37 Page - Asahi Kasei Microsystems

부품명 AK7755EN
상세설명  DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AKM [Asahi Kasei Microsystems]
홈페이지  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7755EN 데이터시트(HTML) 37 Page - Asahi Kasei Microsystems

Back Button AK7755EN_16 Datasheet HTML 33Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 34Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 35Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 36Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 37Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 38Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 39Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 40Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 41Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 109 page
background image
[AK7755]
014006643-E-00
2014/10
- 37 -
CONT06: DAC De-emphasis, DAC and DSP Input Format Settings
W
R
Name
D7
D6
D5
D4
D3 D2
D1
D0
Default
C6h 46h CONT06
DEM[1] DEM[0] DIFDA[1] DIFDA[0] 0
DIF1[2] DIF1[1] DIF1[0] 00h
D7, D6: DEM[1:0]
DAC De-emphasis Setting (50/15μs)
DEM mode
DEM[1:0]
Sampling Frequency fs
0
00
OFF
(default)
1
01
48kHz
2
10
44.1kHz
3
11
32kHz
D5, D4: DIFDA[1:0]
DAC Input Format Select
DIFDA mode
DIFDA[1:0]
Input Data Format
0
00
MSB justified (24-bit)
(default)
1
01
LSB justified 24-bit
2
10
LSB justified 20-bit
3
11
LSB justified 16-bit
Set “00” for I
2S Compatible, PCM Short and PCM Long formats.
Set “11” when BITFS[1:0] bits (CONT01: D5, D4) =2h (32fs).
Set “00” when connecting MIXOUT or DSP-DOUT4 to DAC input.
D2, D1, D0: DIF1[2:0] DSP DIN1 Input Format Select
DIF1 Mode DIF1[2:0] Input Data Format
0
000
MSB (24-bit)
(default)
1
001
LSB 24-bit
2
010
LSB 20-bit
3
011
LSB 16-bit
4
100
MSB 8-bit μ-Law
5
101
MSB 8-bit A-Law
6
110
N/A
7
111
N/A
Set “000” for I
2S Compatible, PCM Short and PCM Long formats.
Set “011” when BITFS[1:0]=2h (32fs).
Write “0” into the “0” registers.


유사한 부품 번호 - AK7755EN_16

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AK7755EN AKM-AK7755EN Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
More results

유사한 설명 - AK7755EN_16

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AK7755 AKM-AK7755 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7756 AKM-AK7756 Datasheet
453Kb / 27P
   DSP with Mono CODEC Mic/Lineout Amp
AK7758VN AKM-AK7758VN Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK7758 AKM-AK7758 Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK7754 AKM-AK7754 Datasheet
542Kb / 26P
   Audio DSP with Stereo CODEC MIC/HP-AMP
AK4647VQ AKM-AK4647VQ Datasheet
517Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4645EN AKM-AK4645EN Datasheet
758Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645 AKM-AK4645 Datasheet
796Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645AEZ AKM-AK4645AEZ Datasheet
918Kb / 85P
   Stereo CODEC with MIC/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com