전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AK7755EN 데이터시트(PDF) 57 Page - Asahi Kasei Microsystems

부품명 AK7755EN
상세설명  DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AKM [Asahi Kasei Microsystems]
홈페이지  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7755EN 데이터시트(HTML) 57 Page - Asahi Kasei Microsystems

Back Button AK7755EN_16 Datasheet HTML 53Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 54Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 55Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 56Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 57Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 58Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 59Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 60Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 61Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 109 page
background image
[AK7755]
014006643-E-00
2014/10
- 57 -
4. Clock Reset
Clock reset is defined as when CKRESERN bit (CONT01: D0) = “0” after power-down release (PDN
pin = “H”). The AK7755 is in the clock reset state after releasing power-down. At this time, all internal
blocks of the AK7755, except the REF circuit and the power supply circuit for digital block, are in
power-down mode. Even the PLL for internal master clock generation is not in operation.
Control register write/read should be made 1ms (min.) after power-down release. Clock generating
control registers (CONT00 ~ CONT01) must be set during clock reset. AINE bit (CONT00: D3) should
be set to “1” first when using the IN1/INP1, IN2/INN1, IN3/INP2 and IN4/INN2 pins as analog inputs.
DSP program and coefficient RAM data writing to the DSP become available in 1ms by setting
DLRDY bit (CONT0F: D0) = “0” → “1” during clock reset (CKRESETN bit = “0”). DLRDY bit must
be set to “0” when finishing downloading. Necessary system clock (XTI@CKM mode0-2 or
BICK@CKM mode 3, 5(CONT00: D6-D4)) must be input before releasing the clock reset (Figure 16).
The PLL for internal master clock starts operation and generating master clock when the clock reset
state is released (CKRESETN bit = “1”). Do not send DSP programs, coefficient data or a command
code for system reset release from a microcontroller to the AK7755 until the PLL oscillation is
stabilized (for 10ms or during Low output period of the PLLLOCK signal from the STO pin).
System clocks must be changed during a clock reset or in power-down mode (PDN pin = “L”). The
AK7755 enters clock reset state by setting CKRESETN bit to “0” after system reset. The PLL and the
internal clock are stopped by this clock reset and the clock change can be done safely. Change register
settings and system clock frequencies during the clock reset. After a system clock is stabilized, the PLL
starts operation by setting CKRESETN bit to “1”.
CSN
SCLK (Simplified)
SI
0xCF 0x00
0xCF 0x0C
Command Code &
DSP Program Transmitting Period
0xC1
0x00
CKRESETN
Input Clock Changeable Period
0xC1
0x01
PLL Stable
Oscillation
XTI
BICK
CKM mode0
CKM mode3
CRESETN / DSPRESETN
0xC0
0x3x
Figure 30. Clock Reset Sequence (e.g. CKM mode0 → CKM mode 3)


유사한 부품 번호 - AK7755EN_16

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AK7755EN AKM-AK7755EN Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
More results

유사한 설명 - AK7755EN_16

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AK7755 AKM-AK7755 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7756 AKM-AK7756 Datasheet
453Kb / 27P
   DSP with Mono CODEC Mic/Lineout Amp
AK7758VN AKM-AK7758VN Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK7758 AKM-AK7758 Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK7754 AKM-AK7754 Datasheet
542Kb / 26P
   Audio DSP with Stereo CODEC MIC/HP-AMP
AK4647VQ AKM-AK4647VQ Datasheet
517Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4645EN AKM-AK4645EN Datasheet
758Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645 AKM-AK4645 Datasheet
796Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645AEZ AKM-AK4645AEZ Datasheet
918Kb / 85P
   Stereo CODEC with MIC/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com