전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AK7755EN 데이터시트(PDF) 94 Page - Asahi Kasei Microsystems

부품명 AK7755EN
상세설명  DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AKM [Asahi Kasei Microsystems]
홈페이지  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7755EN 데이터시트(HTML) 94 Page - Asahi Kasei Microsystems

Back Button AK7755EN_16 Datasheet HTML 90Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 91Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 92Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 93Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 94Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 95Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 96Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 97Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 98Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 109 page
background image
[AK7755]
014006643-E-00
2014/10
- 94 -
Simple Write Error Check
RAM and register data can be checked by cyclic redundancy check (CRC). It realizes a simple error
check of a written data.
1. Checked Data
1-1. SPI Interface
The serial input data of the AK7755 can be checked from a falling edge of the CSN signal to rising
edge of the CSN signal.
· Serial Data D (x): Input data from a falling edge to a rising edge of the CSN.
· Generating Polynomial: G(x)=x
16+x12+x5+1 (default=0)
· R(x) is defined as the remainder when D(x) is divided by G(x).
CSN
SCLK
SI
Command Code (8bit)
Address (16bit or 0bit)
Data (write)
don’tcare
(L/H)
X (L/H)
1-2. I
2C Interface
The data after second byte: command code, address and data are checked. (Acknowledge is not
included in the checked data. Therefore, if the command code, address and data are the same as when
SPI interface is used, the CRC error result will also be the same.) The first byte which includes slave
address is excluded. The first byte can be checked with Acknowledge.
· Serial Data D(x): Command Code, Address and Data (Expect slave address)
· Generating Polynomial: G(x)=x
16+x12+x5+1 (default=0)
· R (x) is defined as the remainder when D(x) is divided by G(x).
2. Simple Write Error Check Sequence
There are two ways to execute a simple write error check.
2-1. CRC Result Reading
(1) Write serial data D(x) that need to be checked.
(2) Read CRC result (the remainder R(x)) by the command code 72h.
(3) Check the result by a microcomputer.
(4) Repeat (1) ~ (3) when checking another serial data.
Note 55. The internal CRC result is not reflected by the command code
2-2. Checking by the STO pin
(1) Set control register CRCE bit to “1”.
(2) Write serial data D(x) that need to be checked.
(3) Write the remainder R(x) of D(x) ti registers by the command code F2H.
(4) The SDO pin outputs “H” when the calculated remainder of D(x) divided by G(x) equals to the
R(x) value. If not, the STO pin outputs “L”.
(5) Repeat (2) ~ (4) when checking another serial data.
Note 56. The STO pin keeps “L” output until an appropriate remainder R(x) is written to the registers.


유사한 부품 번호 - AK7755EN_16

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AK7755EN AKM-AK7755EN Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
More results

유사한 설명 - AK7755EN_16

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AK7755 AKM-AK7755 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7756 AKM-AK7756 Datasheet
453Kb / 27P
   DSP with Mono CODEC Mic/Lineout Amp
AK7758VN AKM-AK7758VN Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK7758 AKM-AK7758 Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK7754 AKM-AK7754 Datasheet
542Kb / 26P
   Audio DSP with Stereo CODEC MIC/HP-AMP
AK4647VQ AKM-AK4647VQ Datasheet
517Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4645EN AKM-AK4645EN Datasheet
758Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645 AKM-AK4645 Datasheet
796Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645AEZ AKM-AK4645AEZ Datasheet
918Kb / 85P
   Stereo CODEC with MIC/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com