전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AK9752AE 데이터시트(PDF) 7 Page - Asahi Kasei Microsystems

부품명 AK9752AE
상세설명  Ultra-small IR sensor IC with IC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AKM [Asahi Kasei Microsystems]
홈페이지  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK9752AE 데이터시트(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK9752AE Datasheet HTML 3Page - Asahi Kasei Microsystems AK9752AE Datasheet HTML 4Page - Asahi Kasei Microsystems AK9752AE Datasheet HTML 5Page - Asahi Kasei Microsystems AK9752AE Datasheet HTML 6Page - Asahi Kasei Microsystems AK9752AE Datasheet HTML 7Page - Asahi Kasei Microsystems AK9752AE Datasheet HTML 8Page - Asahi Kasei Microsystems AK9752AE Datasheet HTML 9Page - Asahi Kasei Microsystems AK9752AE Datasheet HTML 10Page - Asahi Kasei Microsystems AK9752AE Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
[AK9752]
016016473-E-00
2017/1
- 7 -
Figure 8.1. Power Supply Conditions
9.
Electrical Characteristics
9.1.
Analog Characteristics
(Unless otherwise specified, VDD1=VDD2=VDD= 1.65 ~ 1.95V, Ta= -30 ~ 85ºC)
Parameter
Symbol
Min.
Typ.
Max.
Unit
IR output resolution
16
bit
IR offset code (* 4)
・Temperature difference between
object and sensor is zero.
SO0
-40
0
40
Code
IR output code (* 4)
・Object: Cavity Blackbody
Φ22.2mm, 500K, Distance 10cm
・Ambient temperature Ta= 25ºC
SO1
13100
Code
Temperature sensor output resolution
16
bit
Temperature sensor
Output code (* 4, * 5)
Ta= -30 ºC
TO
-27726
Code
Ta= 25 ºC
-2016
0
2016
Ta= 85 ºC
30247
Temperature sensor
Sensitivity
TOS
0.0019837
ºC/Code
Averaged current
consumption
Stand-by Mode
MODE [1:0] =
“00”
IDD0
1
10
µA
Continuous Mode
MODE [1:0] =
“01”
IDD1
100
µA
Single shot Mode (1Hz cycle)
MODE [1:0] =
“10”
IDD2
10
µA
Note:
* 4.
2’s complement
* 5. Linear to internal temperature (excluding noise)
9.2.
Digital Characteristics
9.2.1.
DC Characteristics
(Unless otherwise specified, VDD1=VDD2=VDD= 1.65 ~ 1.95V, Ta= -30 ~ 85ºC)
Parameter
Symbol
Min.
Typ.
Max.
Unit
High level input Voltage (* 6)
SCL pin,
SDA pin
VIH1
70%VDD
V
Low level input Voltage (* 7)
SCL pin,
SDA pin
VIL1
30%VDD
V
Input current
Vin=VSS / VDD
All pins
IIN
-10
10
µA
Hysteresis Input Voltage
(* 8)
SCL pin,
SDA pin
VHS
10%VDD
V
Low level output
Voltage
IOL= 3mA
SDA pin
VOL
20%VDD
V
IOL=300µA
INTN pin
Note:
* 6. Max. 1.95V at Fast Mode, Max. 3.63V at Standard Mode
* 7. Refer to the note in
“17. Recommended External Circuits”
* 8. Reference data only, not tested.


유사한 부품 번호 - AK9752AE

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AK9752 AKM-AK9752 Datasheet
1Mb / 36P
   Ultra-small IR sensor IC with IC
More results

유사한 설명 - AK9752AE

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AK9752 AKM-AK9752 Datasheet
1Mb / 36P
   Ultra-small IR sensor IC with IC
AK9754 AKM-AK9754 Datasheet
1Mb / 43P
   Ultra-small IR Sensor IC with I2C I/F
logo
Sanyo Semicon Device
LA0151CS SANYO-LA0151CS Datasheet
145Kb / 6P
   Monolithic Linear IC For Ultra-small illumination Sensor Photo IC
LA0152CS SANYO-LA0152CS Datasheet
243Kb / 6P
   Monolithic Linear IC For Ultra-small illumination Sensor Photo IC
logo
Asahi Kasei Microsystem...
AK9753 AKM-AK9753 Datasheet
1Mb / 50P
   IR Sensor IC with I2C I/F
AK9750 AKM-AK9750 Datasheet
1Mb / 49P
   IR Sensor IC with I2C I/F
logo
ON Semiconductor
ENA1633 ONSEMI-ENA1633 Datasheet
202Kb / 7P
   Photo IC for Ultra-small illumination Sensor
August, 2013
logo
Sanyo Semicon Device
LV0101CF SANYO-LV0101CF Datasheet
184Kb / 6P
   For Ultra-small illumination Sensor Photo IC
logo
ON Semiconductor
ENA0975B ONSEMI-ENA0975B Datasheet
143Kb / 7P
   Photo IC for Ultra-small illumination Sensor
August, 2013
logo
Silicon Laboratories
SI1153 SILABS-SI1153 Datasheet
1Mb / 58P
   Proximity/Ambient Light Sensor IC with IC Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com