전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AK9970 데이터시트(PDF) 3 Page - Asahi Kasei Microsystems

부품명 AK9970
상세설명  3-axis Magnetic Sensor with Programmable Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AKM [Asahi Kasei Microsystems]
홈페이지  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK9970 데이터시트(HTML) 3 Page - Asahi Kasei Microsystems

  AK9970 Datasheet HTML 1Page - Asahi Kasei Microsystems AK9970 Datasheet HTML 2Page - Asahi Kasei Microsystems AK9970 Datasheet HTML 3Page - Asahi Kasei Microsystems AK9970 Datasheet HTML 4Page - Asahi Kasei Microsystems AK9970 Datasheet HTML 5Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
[AK09970]
Product brief
2017/1
- 3 -
4.
Package
4.1. Outline Dimensions
[mm]
4.2. Pad Dimensions
0.30
0.50
3.00
±0.05
1
4
8
5
12
9
13
16
A
B
0.75
±0.05
0.05
0.50 REF.
0.25
±0.05
4
1
1.8
±0.10
0.25 REF.
0.35
±0.05
8
5
13
16
9
12
C0.25
0.10 M C A B
16X
0.45 REF.
<Top view>
<Bottom view>
<Side view>


유사한 부품 번호 - AK9970

제조업체부품명데이터시트상세설명
logo
SanRex Corporation
AK90GB40 SANREX-AK90GB40 Datasheet
561Kb / 2P
   THYRISTOR MODULE
AK90GB80 SANREX-AK90GB80 Datasheet
561Kb / 2P
   THYRISTOR MODULE
AK90HB120 SANREX-AK90HB120 Datasheet
108Kb / 2P
   THYRISTOR MODULE
AK90HB160 SANREX-AK90HB160 Datasheet
108Kb / 2P
   THYRISTOR MODULE
logo
Asahi Kasei Microsystem...
AK9223 AKM-AK9223 Datasheet
596Kb / 16P
   Dual 1-Bit, 10MHz, 2nd-Order, Modulat
More results

유사한 설명 - AK9970

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AK09970 AKM-AK09970 Datasheet
102Kb / 5P
   3-axis Magnetic Sensor with Programmable Switch
logo
Honeywell Solid State E...
HMC1023 HONEYWELL-HMC1023 Datasheet
465Kb / 7P
   3-AXIS MAGNETIC SENSOR
HMC1043-TR HONEYWELL-HMC1043-TR Datasheet
353Kb / 6P
   3-Axis Magnetic Sensor
HMC1043 HONEYWELL-HMC1043 Datasheet
127Kb / 6P
   3-Axis Magnetic Sensor
logo
Willow Technologies Ltd
CRM500-510 WILLOW-CRM500-510 Datasheet
621Kb / 2P
   3-Axis Magnetic Field Sensor
logo
Asahi Kasei Microsystem...
AK09970N AKM-AK09970N Datasheet
530Kb / 45P
   3D Magnetic Sensor with Programmable Switch
logo
Honeywell Solid State E...
HMC1042L HONEYWELL-HMC1042L Datasheet
409Kb / 6P
   2-Axis Magnetic Sensor
HMC1041Z HONEYWELL-HMC1041Z Datasheet
284Kb / 6P
   One-Axis Magnetic Sensor
logo
ams AG
AS5600L AMSCO-AS5600L Datasheet
1Mb / 48P
   12-Bit Programmable On-Axis Magnetic Rotary Position Sensor
2020-May-14
logo
List of Unclassifed Man...
HMC1052L ETC-HMC1052L Datasheet
151Kb / 1P
   2-AXIS MAGNETIC SENSOR
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com