전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP1029ADR 데이터시트(PDF) 3 Page - Asahi Kasei Microsystems

부품명 AP1029ADR
상세설명  32V H-Bridge DC Motor Driver IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AKM [Asahi Kasei Microsystems]
홈페이지  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1029ADR 데이터시트(HTML) 3 Page - Asahi Kasei Microsystems

  AP1029ADR Datasheet HTML 1Page - Asahi Kasei Microsystems AP1029ADR Datasheet HTML 2Page - Asahi Kasei Microsystems AP1029ADR Datasheet HTML 3Page - Asahi Kasei Microsystems AP1029ADR Datasheet HTML 4Page - Asahi Kasei Microsystems AP1029ADR Datasheet HTML 5Page - Asahi Kasei Microsystems AP1029ADR Datasheet HTML 6Page - Asahi Kasei Microsystems AP1029ADR Datasheet HTML 7Page - Asahi Kasei Microsystems AP1029ADR Datasheet HTML 8Page - Asahi Kasei Microsystems AP1029ADR Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
[AP1029ADR]
016015401-E-00
2017/01
- 3 -
4. Block Diagram and Functions
Figure 1. Block Diagram
LDO
OSC
OCP
TSD
UVLO
DUTY
CTRL
Control circuit
VDUTY
VDC
VM
TEST
PGND
EP
OUTA
OUTB
GND
POL
M1
M0
INB
INA
EN
FLG


유사한 부품 번호 - AP1029ADR

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AP1029ADN AKM-AP1029ADN Datasheet
802Kb / 19P
   32V H-Bridge DC Motor Driver IC
More results

유사한 설명 - AP1029ADR

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AP1029ADN AKM-AP1029ADN Datasheet
802Kb / 19P
   32V H-Bridge DC Motor Driver IC
AP1040 AKM-AP1040 Datasheet
726Kb / 18P
   32V 2ch H-Bridge Motor Driver IC
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
[Old version datasheet]   H-BRIDGE MOTOR DRIVER IC
logo
HuaXinAn Electronics CO...
AP1016AEN HUAXINAN-AP1016AEN Datasheet
547Kb / 16P
   Dual H-Bridge Motor Driver IC
AP1014AEC HUAXINAN-AP1014AEC Datasheet
456Kb / 13P
   Dual H-Bridge Motor Driver IC
logo
Asahi Kasei Microsystem...
AP1013DEN AKM-AP1013DEN Datasheet
558Kb / 17P
   18V 1ch H-Bridge Motor Driver IC
AP1014AEC AKM-AP1014AEC Datasheet
546Kb / 13P
   7.0V Dual H-Bridge Motor Driver IC
AP1016AEN AKM-AP1016AEN Datasheet
622Kb / 15P
   9.0V Dual H-Bridge Motor Driver IC
AP1018 AKM-AP1018 Datasheet
480Kb / 17P
   18V Dual H-Bridge Motor Driver IC
AP1019 AKM-AP1019 Datasheet
581Kb / 15P
   9.0V Dual H-Bridge Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com