전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE4312MLBA-Z 데이터시트(PDF) 2 Page - Peregrine Semiconductor

부품명 PE4312MLBA-Z
상세설명  UltraCMOS짰 RF Digital Step Attenuator 6-bit, 31.5 dB, 1 MHz?? GHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PSEMI [Peregrine Semiconductor]
홈페이지  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4312MLBA-Z 데이터시트(HTML) 2 Page - Peregrine Semiconductor

  PE4312MLBA-Z Datasheet HTML 1Page - Peregrine Semiconductor PE4312MLBA-Z Datasheet HTML 2Page - Peregrine Semiconductor PE4312MLBA-Z Datasheet HTML 3Page - Peregrine Semiconductor PE4312MLBA-Z Datasheet HTML 4Page - Peregrine Semiconductor PE4312MLBA-Z Datasheet HTML 5Page - Peregrine Semiconductor PE4312MLBA-Z Datasheet HTML 6Page - Peregrine Semiconductor PE4312MLBA-Z Datasheet HTML 7Page - Peregrine Semiconductor PE4312MLBA-Z Datasheet HTML 8Page - Peregrine Semiconductor PE4312MLBA-Z Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Product Specification
PE4312
Page 2 of 13
©2017 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-81482-1 │ UltraCMOS® RFIC Solutions
Table 1. Electrical Specifications @ 25 °C (ZS= ZL = 50Ω), unless otherwise noted
Normal Mode1: VDD = 3.3V, VSS_EXT = 0V or Bypass Mode
2: VDD = 3.3V, VSS_EXT = –3.3V
Parameter
Condition
Min
Typ
Max
Unit
Operation frequency
1
4000
MHz
Attenuation range
0.5 dB step
0–31.5
dB
Insertion loss
1.3
1.5
2.1
1.5
1.8
2.3
dB
dB
dB
Attenuation error
Any bit or bit combination
±(0.10 + 1% of atten setting)
±(0.15 + 2% of atten setting)
±(0.15 + 8% of atten setting)
dB
dB
dB
Return loss
(input or output port)
14
10
18
17
dB
Input 0.1dB compression point3
30
dBm
Input IP3
Two tones at +18 dBm, 10 kHz spacing
59
dBm
Switching time
50% CTRL to 90% or 10% RF
500
800
ns
Frequency
1 MHz–<1 GHz
1–2.2 GHz
2.2–4 GHz
1 MHz–1 GHz
1–<2.2 GHz
2.2–4 GHz
1–2.2 GHz
2.2–4 GHz
1 MHz–4 GHz
1950 MHz
Notes: 1. Normal mode: single external positive supply used.
2. Bypass mode: both external positive supply and external negative supply used.
3. The input 0.1dB compression point is a linearity figure of merit. Refer to Table 5 for the operating RF input power (50Ω).


유사한 부품 번호 - PE4312MLBA-Z

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE4312 PASTERNACK-PE4312 Datasheet
239Kb / 2P
   MHV Female Bulkhead Connector Solder Attachment Turret Terminal, .537 inch D Hole
logo
Peregrine Semiconductor
PE4312 PSEMI-PE4312 Datasheet
633Kb / 13P
   PE4312
logo
Pasternack Enterprises,...
PE4312 PASTERNACK-PE4312 Datasheet
315Kb / 3P
   MHV Female Bulkhead Mount Connector Solder Attachment
PE4312 PASTERNACK-PE4312_16 Datasheet
315Kb / 3P
   MHV Female Bulkhead Mount Connector Solder Attachment
More results

유사한 설명 - PE4312MLBA-Z

제조업체부품명데이터시트상세설명
logo
Peregrine Semiconductor
PE4314 PSEMI-PE4314_V01 Datasheet
727Kb / 27P
   UltraCMOS짰 RF Digital Step Attenuator, 1 MHz??.5 GHz
(02/2017)
logo
TriQuint Semiconductor
TQP4M9072 TRIQUINT-TQP4M9072_15 Datasheet
579Kb / 12P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Peregrine Semiconductor...
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
   50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
logo
TriQuint Semiconductor
TQP4M9071 TRIQUINT-TQP4M9071_15 Datasheet
388Kb / 11P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Qorvo, Inc
TQP4M9071 QORVO-TQP4M9071 Datasheet
388Kb / 11P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Peregrine Semiconductor...
PE4309 PEREGRINE-PE4309_07 Datasheet
337Kb / 9P
   50 廓 RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4304 PEREGRINE-PE4304 Datasheet
543Kb / 11P
   75 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC - 2.0 GHz
PE4309 PEREGRINE-PE4309 Datasheet
576Kb / 6P
   50 OHM RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4302DS PEREGRINE-PE4302DS Datasheet
456Kb / 11P
   50 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHZ
logo
Peregrine Semiconductor
PE43704 PSEMI-PE43704_14 Datasheet
1Mb / 20P
   UltraCMOS짰 RF Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com