전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE4312MLBA-Z 데이터시트(PDF) 4 Page - Peregrine Semiconductor

부품명 PE4312MLBA-Z
상세설명  UltraCMOS짰 RF Digital Step Attenuator 6-bit, 31.5 dB, 1 MHz?? GHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PSEMI [Peregrine Semiconductor]
홈페이지  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4312MLBA-Z 데이터시트(HTML) 4 Page - Peregrine Semiconductor

  PE4312MLBA-Z Datasheet HTML 1Page - Peregrine Semiconductor PE4312MLBA-Z Datasheet HTML 2Page - Peregrine Semiconductor PE4312MLBA-Z Datasheet HTML 3Page - Peregrine Semiconductor PE4312MLBA-Z Datasheet HTML 4Page - Peregrine Semiconductor PE4312MLBA-Z Datasheet HTML 5Page - Peregrine Semiconductor PE4312MLBA-Z Datasheet HTML 6Page - Peregrine Semiconductor PE4312MLBA-Z Datasheet HTML 7Page - Peregrine Semiconductor PE4312MLBA-Z Datasheet HTML 8Page - Peregrine Semiconductor PE4312MLBA-Z Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Product Specification
PE4312
Page 4 of 13
©2017 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-81482-1 │ UltraCMOS® RFIC Solutions
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the rate specified.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS
devices are immune to latch-up.
Switching Frequency
The PE4312 has a maximum 25 kHz switching
rate in normal mode (pin 12 = GND). A faster
switching rate is available in bypass mode (pin 12
= VSS_EXT). The rate at which the PE4312 can be
switched is then limited to the switching time as
specified in Table 1.
Switching frequency describes the time duration
between switching events. Switching time is the
time duration between the point the control signal
reaches 50% of the final value and the point the
output signal reaches within 10% or 90% of its
target value.
Resistor on Pin 1 & 3
A 10 kΩ resistor on the inputs to pin 1 and 3 (see
Figure 26) will eliminate package resonance
between the RF input pin and the two digital
inputs. Specified attenuation error versus
frequency performance is dependent upon this
condition.
Moisture Sensitivity Level
The moisture sensitivity level rating for the
PE4312 in the 4 × 4 mm QFN package is MSL1.
Spurious Performance
The typical low-frequency spurious performance
of the PE4312 in normal mode is –140 dBm
(pin 12 = GND). If spur-free performance is
desired, the internal negative voltage generator
can be disabled by applying a negative voltage to
VSS_EXT (pin 12).
Safe Attenuation State Transitions
The PE4312 features a novel architecture to
provide safe transition behavior when changing
attenuation states. When RF input power is
applied, positive output power spikes are
prevented during attenuation state changes by
optimized internal timing control.
Figure 4. Power Derating Curve for 1–50 MHz
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
0
5
10
15
20
25
30
35
40
45
50
Frequency (MHz)
RF Input Power, CW or Pulsed (‐40C to 105C)


유사한 부품 번호 - PE4312MLBA-Z

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE4312 PASTERNACK-PE4312 Datasheet
239Kb / 2P
   MHV Female Bulkhead Connector Solder Attachment Turret Terminal, .537 inch D Hole
logo
Peregrine Semiconductor
PE4312 PSEMI-PE4312 Datasheet
633Kb / 13P
   PE4312
logo
Pasternack Enterprises,...
PE4312 PASTERNACK-PE4312 Datasheet
315Kb / 3P
   MHV Female Bulkhead Mount Connector Solder Attachment
PE4312 PASTERNACK-PE4312_16 Datasheet
315Kb / 3P
   MHV Female Bulkhead Mount Connector Solder Attachment
More results

유사한 설명 - PE4312MLBA-Z

제조업체부품명데이터시트상세설명
logo
Peregrine Semiconductor
PE4314 PSEMI-PE4314_V01 Datasheet
727Kb / 27P
   UltraCMOS짰 RF Digital Step Attenuator, 1 MHz??.5 GHz
(02/2017)
logo
TriQuint Semiconductor
TQP4M9072 TRIQUINT-TQP4M9072_15 Datasheet
579Kb / 12P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Peregrine Semiconductor...
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
   50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
logo
TriQuint Semiconductor
TQP4M9071 TRIQUINT-TQP4M9071_15 Datasheet
388Kb / 11P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Qorvo, Inc
TQP4M9071 QORVO-TQP4M9071 Datasheet
388Kb / 11P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Peregrine Semiconductor...
PE4309 PEREGRINE-PE4309_07 Datasheet
337Kb / 9P
   50 廓 RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4304 PEREGRINE-PE4304 Datasheet
543Kb / 11P
   75 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC - 2.0 GHz
PE4309 PEREGRINE-PE4309 Datasheet
576Kb / 6P
   50 OHM RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4302DS PEREGRINE-PE4302DS Datasheet
456Kb / 11P
   50 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHZ
logo
Peregrine Semiconductor
PE43704 PSEMI-PE43704_14 Datasheet
1Mb / 20P
   UltraCMOS짰 RF Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com