전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M41T315W-65MQ6E 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 M41T315W-65MQ6E
상세설명  Serial Access Phantom RTC Supervisor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T315W-65MQ6E 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button M41T315W-65MQ6E Datasheet HTML 6Page - STMicroelectronics M41T315W-65MQ6E Datasheet HTML 7Page - STMicroelectronics M41T315W-65MQ6E Datasheet HTML 8Page - STMicroelectronics M41T315W-65MQ6E Datasheet HTML 9Page - STMicroelectronics M41T315W-65MQ6E Datasheet HTML 10Page - STMicroelectronics M41T315W-65MQ6E Datasheet HTML 11Page - STMicroelectronics M41T315W-65MQ6E Datasheet HTML 12Page - STMicroelectronics M41T315W-65MQ6E Datasheet HTML 13Page - STMicroelectronics M41T315W-65MQ6E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
M41T315Y*, M41T315V, M41T315W
10/24
Table 4. AC Electrical Characteristics (M41T315V/W)
Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 2.7 to 3.6V (except where noted).
2. tWR is a function of the latter occurring edge of WE or CEI.
3. tDH and tDS are functions of the first occurring edge of WE or CEI in RAM mode.
Symbol
Parameter(1)
Min
Typ
Max
Units
tAVAV
tRC
READ Cycle Time
85
ns
tELQV
tCO
CEI Access Time
85
ns
tGLQV
tOE
OE Access Time
85
ns
tELQX
tCOE
CEI to Output Low Z
5
ns
tGLQX
tOEE
OE to Output Low Z
5
ns
tEHQZ
tOD
CEI to Output High Z
30
ns
tGHQZ
tODO
OE to Output High Z
30
ns
tRR
READ Recovery
20
ns
tELEH
tCW
CEI Pulse Width
65
ns
tGLGH
tOW
OE Pulse Width
60
ns
tAVAV
tWC
WRITE Cycle
85
ns
tWLWH
tWP
WRITE Pulse Width
60
ns
tEHAX
tWHAX
tWR
(2)
WRITE Recovery
25
ns
tDVEH
tDVWH
tDS
(3)
Data Setup
35
ns
tEHDX
tWHDX
tDH
(3)
Data Hold Time
5
ns
tRST
RST Pulse Width
85
ns


유사한 부품 번호 - M41T315W-65MQ6E

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M41T315W-65MQ6E STMICROELECTRONICS-M41T315W-65MQ6E Datasheet
241Kb / 30P
   Serial access phantom RTC supervisor
More results

유사한 설명 - M41T315W-65MQ6E

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M41T315Y STMICROELECTRONICS-M41T315Y_07 Datasheet
241Kb / 30P
   Serial access phantom RTC supervisor
M41T80 STMICROELECTRONICS-M41T80 Datasheet
122Kb / 20P
   SERIAL ACCESS RTC WITH ALARMS
M41ST85W STMICROELECTRONICS-M41ST85W_07 Datasheet
369Kb / 41P
   3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
M41ST85W STMICROELECTRONICS-M41ST85W_06 Datasheet
606Kb / 34P
   3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
M41T81S STMICROELECTRONICS-M41T81S_12 Datasheet
507Kb / 32P
   Serial access real-time clock (RTC) with alarms
M41ST85W STMICROELECTRONICS-M41ST85W_11 Datasheet
450Kb / 43P
   3.0/3.3 V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4847 TI-BQ4847 Datasheet
224Kb / 5P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4845 TI-BQ4845 Datasheet
1Mb / 22P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4845 TI1-BQ4845_14 Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com