전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STEVAL-MET001V1 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STEVAL-MET001V1
상세설명  LPS22HB adapter board for a standard DIL 24 socket
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-MET001V1 데이터시트(HTML) 1 Page - STMicroelectronics

  STEVAL-MET001V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-MET001V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-MET001V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-MET001V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
February 2016
DocID028883 Rev 2
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-MET001V1
LPS22HB adapter board for a standard DIL 24 socket
Data brief
Features
Complete LPS22HB pinout for a standard
DIL 24 socket
Fully compatible with the STEVAL-
MKI109V2 motherboard
RoHS compliant
Description
The STEVAL-MET001V1 is an adapter board
designed to facilitate the evaluation of MEMS
devices in the LPS22HB product family. The
board offers an effective solution for fast system
prototyping and device evaluation from directly
within the user’s application.
The STEVAL-MET001V1 can be plugged into a
standard DIL 24 socket. The adapter provides the
complete LPS22HB pin-out and comes ready-to-
use with the required decoupling capacitors on
the VDD power supply line.
This adapter is supported by the STEVAL-
MKI109V2 motherboard, which includes a high
performance 32-bit microcontroller functioning as
a bridge between the sensor and a PC, on which
it is possible to use the downloadable graphical
user interface (Unico GUI), or dedicated software
routines for customized applications.


유사한 부품 번호 - STEVAL-MET001V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-MIC005V1 STMICROELECTRONICS-STEVAL-MIC005V1 Datasheet
1Mb / 4P
   Microphone coupon board based on the MP23DB02MM digital MEMS microphone
Rev 1 - March 2020
STEVAL-MIC007V1 STMICROELECTRONICS-STEVAL-MIC007V1 Datasheet
543Kb / 4P
   Microphone coupon board based on the IMP23ABSU analog MEMS microphone
Rev 1 - November 2020
STEVAL-MKI004V1 STMICROELECTRONICS-STEVAL-MKI004V1 Datasheet
123Kb / 4P
   MEMS 3-axis - 짹2g/짹6g digital output low voltage linear accelerometer evaluation board based on LIS3LV02DQ
STEVAL-MKI004V1 STMICROELECTRONICS-STEVAL-MKI004V1 Datasheet
165Kb / 1P
   STMICROELECTRONICS Analog ICs
STEVAL-MKI005V1 STMICROELECTRONICS-STEVAL-MKI005V1 Datasheet
165Kb / 1P
   STMICROELECTRONICS Analog ICs
More results

유사한 설명 - STEVAL-MET001V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-MKI168V1 STMICROELECTRONICS-STEVAL-MKI168V1 Datasheet
244Kb / 4P
   IIS2DH adapter board for a standard DIL 24 socket
February 2016 Rev 1
STEVAL-MKI107V2 STMICROELECTRONICS-STEVAL-MKI107V2 Datasheet
204Kb / 4P
   L3GD20 adapter board for a standard DIL 24 socket
STEVAL-FET001V1 STMICROELECTRONICS-STEVAL-FET001V1 Datasheet
238Kb / 4P
   M41T62LC6F adapter board for a standard DIL 24 socket
March 2016 Rev 1
STEVAL-MKI221V1 STMICROELECTRONICS-STEVAL-MKI221V1 Datasheet
519Kb / 4P
   LSM6DSO32X adapter board for a standard DIL 24 socket
Rev 1 - April 2021
STEVAL-MKI123V1 STMICROELECTRONICS-STEVAL-MKI123V1 Datasheet
241Kb / 4P
   LSM330D adapter board for a standard DIL 24 socket
STEVAL-MKI107V1 STMICROELECTRONICS-STEVAL-MKI107V1 Datasheet
83Kb / 4P
   L3G4200D adapter board for a standard DIL 24 socket
STEVAL-MKI212V1 STMICROELECTRONICS-STEVAL-MKI212V1 Datasheet
2Mb / 5P
   ASM330LHHX adapter board for a standard DIL 24 socket
04-Apr-2022 Revision 1
STEVAL-MKI188V1 STMICROELECTRONICS-STEVAL-MKI188V1 Datasheet
957Kb / 4P
   L20G20IS adapter board for a standard DIL 24 socket
February 2018
STEVAL-MKI169V1 STMICROELECTRONICS-STEVAL-MKI169V1 Datasheet
247Kb / 4P
   I3G4250D adapter board for a standard DIL 24 socket
February 2016 Rev 1
STEVAL-MKI142V1 STMICROELECTRONICS-STEVAL-MKI142V1 Datasheet
222Kb / 4P
   LPS25H adapter board for a standard DIL 24 socket
December 2013 Rev 1
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com