전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STEVAL-MKI129V2 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STEVAL-MKI129V2
상세설명  Microphone coupon board based on the MP34DB01 digital MEMS microphone
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-MKI129V2 데이터시트(HTML) 1 Page - STMicroelectronics

  STEVAL-MKI129V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-MKI129V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-MKI129V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-MKI129V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
January 2013
Doc ID 024078 Rev 1
1/4
4
STEVAL-MKI129V2
Microphone coupon board
based on the MP34DB01 digital MEMS microphone
Data brief
Features
4 x MP34DB01 bottom port digital MEMS
microphones
Daughterboard to be used with
STEVAL-MKI126Vx kit
Vsupply from 1.64 V to 3.6 V
120 dBSPL acoustic overload point
Omnidirectional sensitivity
PDM single-bit output
62.6 dB of SNR
Sensitivity -26 dBFS
RoHS compliant
Description
The STEVAL-MKI129V2 is a daughterboard
designed to be used in conjunction with the
STEVAL-MKI126Vx (Smart Voice) kit, containing
4 MP34DB01 digital MEMS microphones.
The coupon concept allows easy performance
testing of ST MEMS microphones. When inserted
in the Smart Voice board, it is possible to detach
the single PCBs hosting each microphone.
www.st.com


유사한 부품 번호 - STEVAL-MKI129V2

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-MKI129V1 STMICROELECTRONICS-STEVAL-MKI129V1 Datasheet
99Kb / 4P
   Microphone coupon board based on the MP45DT02 digital MEMS microphone
January 2013 Rev 1
STEVAL-MKI129V3 STMICROELECTRONICS-STEVAL-MKI129V3 Datasheet
324Kb / 4P
   Microphone coupon board based on the MP34DT01 digital MEMS microphone
February 2013 Rev 1
STEVAL-MKI129V4 STMICROELECTRONICS-STEVAL-MKI129V4 Datasheet
213Kb / 4P
   Microphone coupon board based on the MP34DT04 digital MEMS microphone
October 2016 Rev 2
More results

유사한 설명 - STEVAL-MKI129V2

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-MKI129V3 STMICROELECTRONICS-STEVAL-MKI129V3 Datasheet
324Kb / 4P
   Microphone coupon board based on the MP34DT01 digital MEMS microphone
February 2013 Rev 1
STEVAL-MIC005V1 STMICROELECTRONICS-STEVAL-MIC005V1 Datasheet
1Mb / 4P
   Microphone coupon board based on the MP23DB02MM digital MEMS microphone
Rev 1 - March 2020
STEVAL-MKI129V4 STMICROELECTRONICS-STEVAL-MKI129V4 Datasheet
213Kb / 4P
   Microphone coupon board based on the MP34DT04 digital MEMS microphone
October 2016 Rev 2
STEVAL-MKI129V1 STMICROELECTRONICS-STEVAL-MKI129V1 Datasheet
99Kb / 4P
   Microphone coupon board based on the MP45DT02 digital MEMS microphone
January 2013 Rev 1
STEVAL-MKI139V3 STMICROELECTRONICS-STEVAL-MKI139V3 Datasheet
246Kb / 4P
   Microphone coupon board based on the MP23AB02B analog MEMS microphone
February 2015 Rev 1
STEVAL-MIC007V1 STMICROELECTRONICS-STEVAL-MIC007V1 Datasheet
543Kb / 4P
   Microphone coupon board based on the IMP23ABSU analog MEMS microphone
Rev 1 - November 2020
STEVAL-MKI139V1 STMICROELECTRONICS-STEVAL-MKI139V1 Datasheet
228Kb / 4P
   Microphone coupon board based on the MP33AB01 analog MEMS microphone
November 2013 Rev 1
STEVAL-MKI139V4 STMICROELECTRONICS-STEVAL-MKI139V4 Datasheet
241Kb / 4P
   Microphone coupon board based on the MP23AB01DH analog MEMS microphone
February 2017 Rev 1
STEVAL-MKI139V2 STMICROELECTRONICS-STEVAL-MKI139V2 Datasheet
223Kb / 4P
   Microphone coupon board based on the MP33AB01H analog MEMS microphone
November 2013 Rev 1
STEVAL-MKI116V1 STMICROELECTRONICS-STEVAL-MKI116V1 Datasheet
360Kb / 5P
   MEMS microphone demonstration board based on the MP34DB01 and STM32
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com