전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M41T315V-65MQ6F 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 M41T315V-65MQ6F
상세설명  Serial Access Phantom RTC Supervisor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T315V-65MQ6F 데이터시트(HTML) 1 Page - STMicroelectronics

  M41T315V-65MQ6F Datasheet HTML 1Page - STMicroelectronics M41T315V-65MQ6F Datasheet HTML 2Page - STMicroelectronics M41T315V-65MQ6F Datasheet HTML 3Page - STMicroelectronics M41T315V-65MQ6F Datasheet HTML 4Page - STMicroelectronics M41T315V-65MQ6F Datasheet HTML 5Page - STMicroelectronics M41T315V-65MQ6F Datasheet HTML 6Page - STMicroelectronics M41T315V-65MQ6F Datasheet HTML 7Page - STMicroelectronics M41T315V-65MQ6F Datasheet HTML 8Page - STMicroelectronics M41T315V-65MQ6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1/24
June 2004
M41T315Y*
M41T315V/W
Serial Access Phantom RTC Supervisor
* Contact Local Sales Office
FEATURES SUMMARY
3.0V, 3.3V, OR 5V OPERATING VOLTAGE
REAL TIME CLOCK KEEPS TRACK OF
TENTHS/HUNDREDTHS OF SECONDS,
SECONDS, MINUTES, HOURS, DAYS,
DATE OF THE MONTH, MONTHS, AND
YEARS
AUTOMATIC LEAP YEAR CORRECTION
VALID UP TO 2100
AUTOMATIC SWITCH-OVER AND
DESELECT CIRCUITRY
CHOICE OF POWER-FAIL DESELECT
VOLTAGES:
(VPFD = Power-fail Deselect Voltage)
M41T315Y: VCC = 4.5 to 5.5V
4.25V
≤ VPFD ≤ 4.50V
M41T315V: VCC = 3.0 to 3.6V
2.80V
≤ VPFD ≤ 2.97V
M41T315W: VCC = 2.7 to 3.3V
2.60V
≤ VPFD ≤ 2.70V
NO ADDRESS SPACE REQUIRED TO
COMMUNICATE WITH RTC
PROVIDES NONVOLATILE SUPERVISOR
FUNCTIONS FOR BATTERY BACKUP OF
SRAM
FULL ±10% VCC OPERATING RANGE
INDUSTRIAL OPERATING TEMPERATURE
RANGE (–40 to +85°C)
ULTRA-LOW BATTERY SUPPLY CURRENT
OF 500nA (max)
OPTIONAL PACKAGING INCLUDES A 28-
LEAD SOIC and SNAPHAT® TOP (to be
ordered separately)
SNAPHAT PACKAGE PROVIDES DIRECT
CONNECTION FOR A SNAPHAT TOP,
WHICH CONTAINS THE BATTERY AND
CRYSTAL
Figure 1. 16-pin SOIC Package
Figure 2. 28-pin SOIC Package
16
1
SO16 (MQ)
28
1
SOH28 (MH)
SNAPHAT (SH)
Battery/Crystal


유사한 부품 번호 - M41T315V-65MQ6F

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M41T315V-65MQ6F STMICROELECTRONICS-M41T315V-65MQ6F Datasheet
241Kb / 30P
   Serial access phantom RTC supervisor
More results

유사한 설명 - M41T315V-65MQ6F

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M41T315Y STMICROELECTRONICS-M41T315Y_07 Datasheet
241Kb / 30P
   Serial access phantom RTC supervisor
M41T80 STMICROELECTRONICS-M41T80 Datasheet
122Kb / 20P
   SERIAL ACCESS RTC WITH ALARMS
M41ST85W STMICROELECTRONICS-M41ST85W_07 Datasheet
369Kb / 41P
   3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
M41ST85W STMICROELECTRONICS-M41ST85W_06 Datasheet
606Kb / 34P
   3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
M41T81S STMICROELECTRONICS-M41T81S_12 Datasheet
507Kb / 32P
   Serial access real-time clock (RTC) with alarms
M41ST85W STMICROELECTRONICS-M41ST85W_11 Datasheet
450Kb / 43P
   3.0/3.3 V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4847 TI-BQ4847 Datasheet
224Kb / 5P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4845 TI-BQ4845 Datasheet
1Mb / 22P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4845 TI1-BQ4845_14 Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com