전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC0808CCN 데이터시트(PDF) 5 Page - Texas Instruments

부품명 ADC0808CCN
상세설명  8-Bit Compatible A/D Converters with 8-Channel Multiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0808CCN 데이터시트(HTML) 5 Page - Texas Instruments

  ADC0808CCN Datasheet HTML 1Page - Texas Instruments ADC0808CCN Datasheet HTML 2Page - Texas Instruments ADC0808CCN Datasheet HTML 3Page - Texas Instruments ADC0808CCN Datasheet HTML 4Page - Texas Instruments ADC0808CCN Datasheet HTML 5Page - Texas Instruments ADC0808CCN Datasheet HTML 6Page - Texas Instruments ADC0808CCN Datasheet HTML 7Page - Texas Instruments ADC0808CCN Datasheet HTML 8Page - Texas Instruments ADC0808CCN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ADC0808-N, ADC0809-N
www.ti.com
SNAS535H – OCTOBER 1999 – REVISED MARCH 2013
Functional Description
MULTIPLEXER
The device contains an 8-channel single-ended analog signal multiplexer. A particular input channel is selected
by using the address decoder. Table 1 shows the input states for the address lines to select any channel. The
address is latched into the decoder on the low-to-high transition of the address latch enable signal.
Table 1. Analog Channel Selection
ADDRESS LINE
SELECTED ANALOG
CHANNEL
C
B
A
IN0
L
L
L
IN1
L
L
H
IN2
L
H
L
IN3
L
H
H
IN4
H
L
L
IN5
H
L
H
IN6
H
H
L
IN7
H
H
H
CONVERTER CHARACTERISTICS
The Converter
The heart of this single chip data acquisition system is its 8-bit analog-to-digital converter. The converter is
designed to give fast, accurate, and repeatable conversions over a wide range of temperatures. The converter is
partitioned into 3 major sections: the 256R ladder network, the successive approximation register, and the
comparator. The converter's digital outputs are positive true.
The 256R ladder network approach (Figure 3) was chosen over the conventional R/2R ladder because of its
inherent monotonicity, which ensures no missing digital codes. Monotonicity is particularly important in closed
loop feedback control systems. A non-monotonic relationship can cause oscillations that will be catastrophic for
the system. Additionally, the 256R network does not cause load variations on the reference voltage.
The bottom resistor and the top resistor of the ladder network in Figure 3 are not the same value as the
remainder of the network. The difference in these resistors causes the output characteristic to be symmetrical
with the zero and full-scale points of the transfer curve. The first output transition occurs when the analog signal
has reached +½ LSB and succeeding output transitions occur every 1 LSB later up to full-scale.
The successive approximation register (SAR) performs 8 iterations to approximate the input voltage. For any
SAR type converter, n-iterations are required for an n-bit converter. Figure 4 shows a typical example of a 3-bit
converter. In the ADC0808, ADC0809, the approximation technique is extended to 8 bits using the 256R
network.
The A/D converter's successive approximation register (SAR) is reset on the positive edge of the start conversion
start pulse. The conversion is begun on the falling edge of the start conversion pulse. A conversion in process
will be interrupted by receipt of a new start conversion pulse. Continuous conversion may be accomplished by
tying the end-of-conversion (EOC) output to the SC input. If used in this mode, an external start conversion pulse
should be applied after power up. End-of-conversion will go low between 0 and 8 clock pulses after the rising
edge of start conversion.
The most important section of the A/D converter is the comparator. It is this section which is responsible for the
ultimate accuracy of the entire converter. It is also the comparator drift which has the greatest influence on the
repeatability of the device. A chopper-stabilized comparator provides the most effective method of satisfying all
the converter requirements.
The chopper-stabilized comparator converts the DC input signal into an AC signal. This signal is then fed through
a high gain AC amplifier and has the DC level restored. This technique limits the drift component of the amplifier
since the drift is a DC component which is not passed by the AC amplifier. This makes the entire A/D converter
extremely insensitive to temperature, long term drift and input offset errors.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC0808-N ADC0809-N


유사한 부품 번호 - ADC0808CCN

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC0808CCN NSC-ADC0808CCN Datasheet
264Kb / 14P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
logo
Micro Linear Corporatio...
ADC0808CCN MICRO-LINEAR-ADC0808CCN Datasheet
169Kb / 12P
   關P Compatible 8-Bit A/D Converter with 8-Channel Multiplexer
logo
National Semiconductor ...
ADC0808CCN NSC-ADC0808CCN Datasheet
394Kb / 16P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0808CCN NSC-ADC0808CCN Datasheet
348Kb / 14P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
logo
Texas Instruments
ADC0808CCN TI1-ADC0808CCN Datasheet
538Kb / 20P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
More results

유사한 설명 - ADC0808CCN

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC0808 NSC-ADC0808 Datasheet
264Kb / 14P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0808 NSC-ADC0808_07 Datasheet
394Kb / 16P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0808 NSC-ADC0808_95 Datasheet
348Kb / 14P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
logo
Texas Instruments
ADC0816 TI1-ADC0816_17 Datasheet
539Kb / 18P
[Old version datasheet]   8-Bit Compatible A/D Converters with16-Channel Multiplexer
logo
National Semiconductor ...
ADC0816 NSC-ADC0816 Datasheet
245Kb / 13P
   8-Bit uP Compatible A/D Converters with 16-Channel Multiplexer
ADC0844 NSC-ADC0844 Datasheet
467Kb / 20P
   8-Bit uP Compatible A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0809CCN TI1-ADC0809CCN Datasheet
494Kb / 19P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
logo
Micro Linear Corporatio...
ML2252 MICRO-LINEAR-ML2252 Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
logo
Texas Instruments
ADC0808-N TI1-ADC0808-N_14 Datasheet
538Kb / 20P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
logo
National Semiconductor ...
ADC0816 NSC-ADC0816_07 Datasheet
344Kb / 14P
   8-Bit 關P Compatible A/D Converters with 16-Channel Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com