전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STEVAL-SP1ML915 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STEVAL-SP1ML915
상세설명  USB dongle for SPIRIT1 low power RF modules SP1ML-868 and SP1ML-915
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-SP1ML915 데이터시트(HTML) 6 Page - STMicroelectronics

  STEVAL-SP1ML915 Datasheet HTML 1Page - STMicroelectronics STEVAL-SP1ML915 Datasheet HTML 2Page - STMicroelectronics STEVAL-SP1ML915 Datasheet HTML 3Page - STMicroelectronics STEVAL-SP1ML915 Datasheet HTML 4Page - STMicroelectronics STEVAL-SP1ML915 Datasheet HTML 5Page - STMicroelectronics STEVAL-SP1ML915 Datasheet HTML 6Page - STMicroelectronics STEVAL-SP1ML915 Datasheet HTML 7Page - STMicroelectronics STEVAL-SP1ML915 Datasheet HTML 8Page - STMicroelectronics STEVAL-SP1ML915 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Reset switch
STEVAL-SP1ML915; STEVAL-SP1ML868
4
Reset switch
A reset switch (SW1) is present on the dongle. When SW1 is pressed the SP1ML-868 /
SP1ML-915 module is forced to reset.
Figure 4: Reset switch
6/9
DocID027158 Rev 1


유사한 부품 번호 - STEVAL-SP1ML915

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-SPBT2ATV2 STMICROELECTRONICS-STEVAL-SPBT2ATV2 Datasheet
75Kb / 4P
   USB Dongle for the Bluetooth짰 class 2 SPBT2532C2.AT module
STEVAL-SPBT2ATV3 STMICROELECTRONICS-STEVAL-SPBT2ATV3 Datasheet
468Kb / 8P
   USB dongle for the Bluetooth짰 class 2 SPBT2532C2.AT2 module
STEVAL-SPBT3ATV3 STMICROELECTRONICS-STEVAL-SPBT3ATV3 Datasheet
742Kb / 8P
   USB dongle for the Bluetooth짰 class 2 SPBT2632C2A.AT2 module
STEVAL-SPDC01V1 STMICROELECTRONICS-STEVAL-SPDC01V1 Datasheet
130Kb / 4P
   10 A DC-DC high density PoL convert module demonstration boards based on the SPDC12L00010
October 2009 Rev 2
STEVAL-SPDC01V2 STMICROELECTRONICS-STEVAL-SPDC01V2 Datasheet
130Kb / 4P
   10 A DC-DC high density PoL convert module demonstration boards based on the SPDC12L00010
October 2009 Rev 2
More results

유사한 설명 - STEVAL-SP1ML915

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
SP1ML STMICROELECTRONICS-SP1ML Datasheet
777Kb / 27P
   SPIRIT1 868 and 915 MHz low power RF modules with integrated microcontroller
STEVAL-IDS001V4M STMICROELECTRONICS-STEVAL-IDS001V4M Datasheet
268Kb / 6P
   868 MHz RF USB dongle based on the SPIRIT1 SPSGRF-868 module
July 2015 Rev 1
logo
Semtech Corporation
DP1203F SEMTECH-DP1203F Datasheet
395Kb / 13P
   433/868/915 MHz RF Modules
logo
STMicroelectronics
STEVAL-IDI005V1 STMICROELECTRONICS-STEVAL-IDI005V1 Datasheet
235Kb / 5P
   SP1ML 868 MHz wireless sensor board powered by a coin cell battery
January 2016 Rev 1
SPSGRF STMICROELECTRONICS-SPSGRF Datasheet
330Kb / 23P
   Sub-GHz (868 or 915 MHz) low power programmable RF transceiver modules
October 2016 Rev 5
logo
AUREL S.p.A.
650201378G AUREL-650201378G Datasheet
2Mb / 1P
   FOR WIRELESS NETWORK 868 MHz TM RFTide USB Dongle
15.10.2016 - Rev A
logo
List of Unclassifed Man...
BT800_SERIES ETC2-BT800_SERIES Datasheet
131Kb / 2P
   Bluetooth v4.0 Class 1 USB HCI Modules and Dongle
logo
STMicroelectronics
STEVAL-IKR002V4D STMICROELECTRONICS-STEVAL-IKR002V4D Datasheet
190Kb / 4P
   SPIRIT1 868 MHz low data rate tansceiver daughterboard
Rev 1
logo
Abracon Corporation
PRO-OB-471 ABRACON-PRO-OB-471 Datasheet
1Mb / 18P
   OnBoard 868/915/8682400 MHz - Antenna
logo
Semtech Corporation
DP1203C4333 SEMTECH-DP1203C4333 Datasheet
295Kb / 13P
   868 and 915MHz Drop-In RF Transceiver Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com