전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STAC250V2-500E 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 STAC250V2-500E
상세설명  Operating frequency up to 27 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC250V2-500E 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button STAC250V2-500E Datasheet HTML 4Page - STMicroelectronics STAC250V2-500E Datasheet HTML 5Page - STMicroelectronics STAC250V2-500E Datasheet HTML 6Page - STMicroelectronics STAC250V2-500E Datasheet HTML 7Page - STMicroelectronics STAC250V2-500E Datasheet HTML 8Page - STMicroelectronics STAC250V2-500E Datasheet HTML 9Page - STMicroelectronics STAC250V2-500E Datasheet HTML 10Page - STMicroelectronics STAC250V2-500E Datasheet HTML 11Page - STMicroelectronics STAC250V2-500E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Typical performance
STAC250V2-500E
8/13
DocID026071 Rev 5
Figure 5: Gain and efficiency vs. output power @ 250 V (frequency = 13.56 MHz Class-C)
0
10
20
30
40
50
60
70
80
90
100
14
15
16
17
18
19
20
21
22
23
24
0
100
200
300
400
500
600
700
Output power (W)
Gain
Efficiency


유사한 부품 번호 - STAC250V2-500E

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STAC2932B STMICROELECTRONICS-STAC2932B Datasheet
470Kb / 14P
   Excellent thermal stability
January 2014 Rev 6
STAC2932BW STMICROELECTRONICS-STAC2932BW Datasheet
406Kb / 14P
   HF/VHF/UHF RF power N-channel MOSFETs
STAC2932F STMICROELECTRONICS-STAC2932F Datasheet
333Kb / 14P
   Excellent thermal stability
January 2012 Rev 3
STAC2933 STMICROELECTRONICS-STAC2933 Datasheet
270Kb / 12P
   Excellent thermal stability
January 2012 Rev 1
STAC2942B STMICROELECTRONICS-STAC2942B Datasheet
580Kb / 16P
   HF/VHF/UHF RF power N-channel MOSFETs
January 2014 Rev 7
More results

유사한 설명 - STAC250V2-500E

제조업체부품명데이터시트상세설명
logo
TT Electronics.
HM72E-06 TTELEC-HM72E-06 Datasheet
192Kb / 2P
   Operating Frequency Up to 3MHz
logo
KR Electronics, Inc.
2919 KR-2919 Datasheet
49Kb / 2P
   27 MHz Center Frequency
2940 KR-2940 Datasheet
69Kb / 3P
   27 MHz Center Frequency
logo
ATMEL Corporation
T0790-6CP ATMEL-T0790-6CP Datasheet
356Kb / 14P
   700 MHz to 2700 MHz Operating Frequency
logo
Pasternack Enterprises,...
PE71S2009 PASTERNACK-PE71S2009 Datasheet
451Kb / 5P
   SMA SPDT PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
logo
Xilinx, Inc
XC9536XL XILINX-XC9536XL Datasheet
311Kb / 7P
   System frequency up to 178 MHz
logo
Silicon Laboratories
SL23EP04 SILABS-SL23EP04 Datasheet
742Kb / 16P
   10 to 220 MHz operating frequency range
logo
Xilinx, Inc
DS108 XILINX-DS108 Datasheet
151Kb / 5P
   System frequency up to 64.5 MHz
logo
Pasternack Enterprises,...
PE71S2013 PASTERNACK-PE71S2013 Datasheet
452Kb / 5P
   2.92mm SPDT PIN Diode Switch Operating From 50 MHz to 40 GHz Up To plus 27 dBm
PE71S2014 PASTERNACK-PE71S2014 Datasheet
442Kb / 5P
   2.92mm SPDT PIN Diode Switch Operating From 50 MHz to 40 GHz Up To plus 27 dBm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com