전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STU1HN60K3 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 STU1HN60K3
상세설명  N-channel 600 V, 6.7typ., 1.2 A SuperMESH3??Power MOSFET in DPAK and IPAK packages
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU1HN60K3 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button STU1HN60K3 Datasheet HTML 3Page - STMicroelectronics STU1HN60K3 Datasheet HTML 4Page - STMicroelectronics STU1HN60K3 Datasheet HTML 5Page - STMicroelectronics STU1HN60K3 Datasheet HTML 6Page - STMicroelectronics STU1HN60K3 Datasheet HTML 7Page - STMicroelectronics STU1HN60K3 Datasheet HTML 8Page - STMicroelectronics STU1HN60K3 Datasheet HTML 9Page - STMicroelectronics STU1HN60K3 Datasheet HTML 10Page - STMicroelectronics STU1HN60K3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DocID024422 Rev 1
7/19
STD1HN60K3, STU1HN60K3
Electrical characteristics
Figure 8. Gate charge vs gate-source voltage
Figure 9. Capacitance variations
Figure 10. Normalized gate threshold voltage vs
temperature
Figure 11. Normalized on-resistance vs
temperature
Figure 12.
Source-drain diode forward
characteristics
Figure 13.
Output capacitance stored energy
VDS
VGS
6
4
2
0
0
Qg(nC)
(V)
4
8
2
10
VDS=480V
ID=1.2A
300
200
100
0
400
VDS
6
8
500
VDS
(V)
AM15652v1
C
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM15653v1
VGS(th)
1.00
0.90
0.80
0.70
-75
TJ(°C)
(norm)
-50
1.10
75
-25
125
ID=50µA
0
25 50
100
AM15654v1
RDS(on)
2.0
1.5
1.0
0.5
TJ(°C)
(norm)
2.5
0
-75 -50
75
-25
125
0
25 50
100
ID=0.6 A
VGS=10 A
AM15655v1
VSD
0.6
0.8
ISD(A)
(V)
0.7
1.1
0.9
1
0.50
0.55
0.60
0.65
0.70
0.75
0.80
TJ=-50°C
TJ=150°C
TJ=25°C
0.85
0.90
0.95
1.2
AM15656v1
Eoss
0
VDS(V)
(µJ)
400
200
600
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
AM15657v1


유사한 부품 번호 - STU1HN60K3

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STU100N3LF3 STMICROELECTRONICS-STU100N3LF3 Datasheet
434Kb / 15P
   N-channel 30V - 0.0045OHM - 80A - DPAK - IPAK Planar STripFET TM II Power MOSFET
logo
SamHop Microelectronics...
STU1030PL SAMHOP-STU1030PL Datasheet
876Kb / 8P
   P-Channel E nhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
STU10L01 VBSEMI-STU10L01 Datasheet
975Kb / 9P
   Power MOSFET
logo
STMicroelectronics
STU10N60M2 STMICROELECTRONICS-STU10N60M2 Datasheet
1Mb / 24P
   N-channel 600 V, 0.550 typ., 7.5 A MDmesh II Plus low Qg Power MOSFETs in D짼PAK
STU10NA50 STMICROELECTRONICS-STU10NA50 Datasheet
73Kb / 5P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
More results

유사한 설명 - STU1HN60K3

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD2LN60K3 STMICROELECTRONICS-STD2LN60K3 Datasheet
1Mb / 20P
   N-channel 600 V, 4typ., 2 A SuperMESH3 Power MOSFET in DPAK, TO-220FP and IPAK packages
STD4N52K3 STMICROELECTRONICS-STD4N52K3 Datasheet
1Mb / 21P
   N-channel 525 V, 2.5 A, 2.1 廓 typ., SuperMESH3??Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
STDLED602 STMICROELECTRONICS-STDLED602 Datasheet
1Mb / 19P
   N-channel 600 V, 4 Ω typ., 2 A Power MOSFET in DPAK and IPAK packages
March 2013
STDLED525 STMICROELECTRONICS-STDLED525 Datasheet
1Mb / 22P
   N-channel 525 V, 1.2 Ω typ., 5.0 A Power MOSFET in DPAK, I2PAKFP, TO-220 and IPAK packages
March 2013
STF6N62K3 STMICROELECTRONICS-STF6N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3 Power MOSFET in TO-220FP, IPAKFP, IPAK, TO-220, IPAK packages
STD8NM50N STMICROELECTRONICS-STD8NM50N Datasheet
1Mb / 19P
   N-channel 500 V, 0.73 廓 typ., 5 A MDmesh?줚I Power MOSFET in DPAK, TO-220 and IPAK packages
STP16N60M2 STMICROELECTRONICS-STP16N60M2 Datasheet
453Kb / 16P
   N-channel 600 V, 0.28 廓 typ., 12 A MDmesh??M2 Power MOSFET in TO-220 and IPAK packages
March 2015 Rev 1
logo
List of Unclassifed Man...
STU5N52K3 ETC2-STU5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 廓, 4.4 A SuperMESH3??Power MOSFET D짼PAK, DPAK, TO-220FP, TO-220, IPAK
logo
STMicroelectronics
STP4N52K3 STMICROELECTRONICS-STP4N52K3 Datasheet
1Mb / 2P
   N-channel 525 V, 2.5 A, 2.1typ., SuperMESH3 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
February 2013 Rev 2
logo
STATEK CORPORATION
STP6N62K3 STATEK-STP6N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3??Power MOSFET in TO-220FP, I짼PAKFP, I짼PAK, TO-220, IPAK packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com