전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD47N10F7AG 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 STD47N10F7AG
상세설명  Automotive-grade N-channel 100 V, 12.5 m廓 typ., 45 A, STripFET??F7 Power MOSFET in a DPAK package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD47N10F7AG 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button STD47N10F7AG Datasheet HTML 5Page - STMicroelectronics STD47N10F7AG Datasheet HTML 6Page - STMicroelectronics STD47N10F7AG Datasheet HTML 7Page - STMicroelectronics STD47N10F7AG Datasheet HTML 8Page - STMicroelectronics STD47N10F7AG Datasheet HTML 9Page - STMicroelectronics STD47N10F7AG Datasheet HTML 10Page - STMicroelectronics STD47N10F7AG Datasheet HTML 11Page - STMicroelectronics STD47N10F7AG Datasheet HTML 12Page - STMicroelectronics STD47N10F7AG Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
STD47N10F7AG
Package information
DocID027183 Rev 3
9/16
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.


유사한 부품 번호 - STD47N10F7AG

제조업체부품명데이터시트상세설명
logo
Visual Communications C...
STD470BLK VCC-STD470BLK Datasheet
67Kb / 1P
   STD
More results

유사한 설명 - STD47N10F7AG

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD30N10F7 STMICROELECTRONICS-STD30N10F7 Datasheet
1Mb / 16P
   N-channel 100 V, 0.02 廓 typ., 32 A STripFET??F7 Power MOSFET in a DPAK package
January 2016 Rev 3
STD100N10LF7AG STMICROELECTRONICS-STD100N10LF7AG Datasheet
659Kb / 17P
   Automotive-grade N-channel 100 V, 5 mΩ typ., 80 A STripFET™ F7 Power MOSFET in a DPAK package
June 2016
STD46N6F7 STMICROELECTRONICS-STD46N6F7 Datasheet
770Kb / 14P
   N-channel 60 V, 0.012 廓 typ., 15 A STripFET??F7 Power MOSFET in a DPAK package
January 2016 Rev 2
STP150N10F7AG STMICROELECTRONICS-STP150N10F7AG Datasheet
227Kb / 12P
   Automotive N-channel 100 V, 4.2 m廓 typ., 110 A, STripFET F7 Power MOSFET in a TO-220 package
July 2021
STD30N6LF6AG STMICROELECTRONICS-STD30N6LF6AG Datasheet
447Kb / 15P
   Automotive-grade N-channel 60 V, 19 m廓 typ., 24 A STripFET??F6 Power MOSFET in a DPAK package
June 2015 Rev 1
STH315N10F7-2 STMICROELECTRONICS-STH315N10F7-2 Datasheet
1Mb / 19P
   Automotive-grade N-channel 100 V, 2.1 m廓 typ., 180 A STripFET??F7 Power MOSFETs
September 2014 Rev 4
STH145N8F7-2AG STMICROELECTRONICS-STH145N8F7-2AG Datasheet
677Kb / 16P
   Automotive-grade N-channel 80 V, 3.3 m廓 typ., 90 A STripFET??F7 Power MOSFET in a H짼PAK-2 package
June 2015 Rev 1
STD140N6F7 STMICROELECTRONICS-STD140N6F7 Datasheet
678Kb / 13P
   N-channel 60 V, 3.1 m(ohm) typ., 80 A STripFET F7 Power MOSFET in a DPAK package
STD134N4F7AG STMICROELECTRONICS-STD134N4F7AG Datasheet
786Kb / 16P
   Automotive-grade N-channel 40 V, 2.5 m typ., 80 A STripFETTM F7 Power MOSFET in a DPAK package
December 2016 Rev 1
STD170N4F7AG STMICROELECTRONICS-STD170N4F7AG Datasheet
783Kb / 16P
   Automotive-grade N-channel 40 V, 2.2 m typ., 80 A STripFETTM F7 Power MOSFET in a DPAK package
December 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com