전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STF11N65K3 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STF11N65K3
상세설명  Gate charge minimized
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF11N65K3 데이터시트(HTML) 5 Page - STMicroelectronics

  STF11N65K3 Datasheet HTML 1Page - STMicroelectronics STF11N65K3 Datasheet HTML 2Page - STMicroelectronics STF11N65K3 Datasheet HTML 3Page - STMicroelectronics STF11N65K3 Datasheet HTML 4Page - STMicroelectronics STF11N65K3 Datasheet HTML 5Page - STMicroelectronics STF11N65K3 Datasheet HTML 6Page - STMicroelectronics STF11N65K3 Datasheet HTML 7Page - STMicroelectronics STF11N65K3 Datasheet HTML 8Page - STMicroelectronics STF11N65K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STF11N65K3
Electrical characteristics
Doc ID 17931 Rev 2
5/13
The built-in back-to-back Zener diodes have specifically been designed to enhance not only
the device’s ESD capability, but also to make them safely absorb possible voltage transients
that may occasionally be applied from gate to source. In this respect the Zener voltage is
appropriate to achieve an efficient and cost-effective intervention to protect the device’s
integrity. These integrated Zener diodes thus avoid the usage of external components.
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
-
7.2
28.8
A
A
VSD
(2)
2.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 7 A, VGS = 0
-
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 7 A, di/dt = 100A/µs
VDD = 60 V (see Figure 20)
-
320
2
13
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 7 A, di/dt = 100 A/µs
VDD = 60 V, Tj = 150 °C
(see
Figure 20)
-
410
2.9
14
ns
µC
A
Table 8.
Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
BVGSO
Gate-source breakdown
voltage
Igs=± 1 mA (open drain)
30
-
-
V
Obsolete
Product(s)
- Obsolete
Product(s)


유사한 부품 번호 - STF11N65K3

제조업체부품명데이터시트상세설명
logo
SHENZHEN DOINGTER SEMIC...
STF11N65K3 DOINGTER-STF11N65K3 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

유사한 설명 - STF11N65K3

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STP3NK50Z STMICROELECTRONICS-STP3NK50Z Datasheet
626Kb / 14P
   Gate charge minimized
August 2013 Rev 1
STW9NK95Z STMICROELECTRONICS-STW9NK95Z Datasheet
312Kb / 12P
   Gate charge minimized
July 2008 Rev 2
STDLED656 STMICROELECTRONICS-STDLED656 Datasheet
1Mb / 22P
   Gate charge minimized
March 2013 Rev 1
STDLED625H STMICROELECTRONICS-STDLED625H Datasheet
1Mb / 17P
   Gate charge minimized
March 2013 Rev 1
STF16N50U STMICROELECTRONICS-STF16N50U Datasheet
691Kb / 12P
   Gate charge minimized
September 2010 Rev 1
STU3N45K3 STMICROELECTRONICS-STU3N45K3 Datasheet
838Kb / 14P
   Gate charge minimized
June 2013 Rev 3
STQ1HN60K3-AP STMICROELECTRONICS-STQ1HN60K3-AP Datasheet
1Mb / 14P
   Gate charge minimized
April 2013 Rev 1
STD3N40K3 STMICROELECTRONICS-STD3N40K3 Datasheet
990Kb / 16P
   Gate charge minimized
July 2012 Rev 1
STDLED625 STMICROELECTRONICS-STDLED625 Datasheet
1Mb / 18P
   Gate charge minimized
August 2013 Rev 1
logo
Ruichips Semiconductor ...
RU4H10R RUICHIPS-RU4H10R Datasheet
300Kb / 9P
   N-Channel Advanced Power MOSFET Gate charge minimized
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com