전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA25C1024LMNX 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers

부품명 SA25C1024LMNX
상세설명  1Mb EEPROM SPI with 10MHz and Low Standby
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

SA25C1024LMNX 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SA25C1024LMNX Datasheet HTML 3Page - List of Unclassifed Manufacturers SA25C1024LMNX Datasheet HTML 4Page - List of Unclassifed Manufacturers SA25C1024LMNX Datasheet HTML 5Page - List of Unclassifed Manufacturers SA25C1024LMNX Datasheet HTML 6Page - List of Unclassifed Manufacturers SA25C1024LMNX Datasheet HTML 7Page - List of Unclassifed Manufacturers SA25C1024LMNX Datasheet HTML 8Page - List of Unclassifed Manufacturers SA25C1024LMNX Datasheet HTML 9Page - List of Unclassifed Manufacturers SA25C1024LMNX Datasheet HTML 10Page - List of Unclassifed Manufacturers SA25C1024LMNX Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SA25C1024 Data Sheet
SAIFUN
7
DC Characteristics
Applicable over recommended operating range from:
• TAI = -40 ºC to 85 ºC, VCC = 2.7-3.6 V/4.5-5.5 V
• TAC = 0 ºC to 70 ºC, VCC = 2.7-3.6 V/4.5-5.5 V
Table 2. DC Characteristics
Limits
Symbol
Parameter
Test Conditions
Min
Typ*
Max
Unit
Comments
2.7
3
3.6
V
L
VCC
Supply Voltage
4.5
5
5.5
V
H
FSCK = 5 MHz, VCC = 5.0 V
4
8
mA
L
FSCK = 2 MHz, VCC = 5.0 V
4
mA
L
FSCK = 5 MHz, VCC = 3.0 V
4
8
mA
H
ICC1
Active Power Supply
Current (Read)
FSCK = 2 MHz, VCC = 3.0 V
4
mA
H
Fwrite = 5 MHz,
Twrite = 10 ms
10
15
mA
L
Fwrite = 2 MHz,
Twrite = 10 ms
10
mA
L
Fwrite = 5 MHz,
Twrite = 10 ms
10
15
mA
H
ICC2
Active Power Supply
Current (Write)
Fwrite = 2 MHz,
Twrite = 10 ms
10
mA
H
VCC = 3.0 V,
CSb = VCC
1
µA
L
ISB
Standby Current
VCC = 5.0 V
CSb = VCC
10
µA
H
IIL
Input Leakage Current
VIN = GND to VCC
1
µA
IOL
Output Leakage Current
VIN = GND to VCC
1
µA
VIL
Input Low Voltage
-0.3
0.3 VCC
V
VIH
Input High Voltage
0.7 VCC
VCC +
0.5
V
VOL
Output Low Voltage
IOL = 0.15 mA
0.2
V
L
VOH
Output High Voltage
IOH = -0.1 mA
VCC -
0.2
V
L
VOL
Output Low Voltage
IOL = 3.0 mA
0.4
V
H
VOH
Output High Voltage
IOH = -1.6 mA
VCC -
0.8
V
H
*Typical values are at TAI = 25 ºC and 3 V/5 V.


유사한 부품 번호 - SA25C1024LMNX

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SA25C020 ETC-SA25C020 Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLF ETC-SA25C020LEMLF Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLFF ETC-SA25C020LEMLFF Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLFFX ETC-SA25C020LEMLFFX Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLFX ETC-SA25C020LEMLFX Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
More results

유사한 설명 - SA25C1024LMNX

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SA25C512 ETC-SA25C512 Datasheet
1Mb / 19P
   512Kb EEPROM SPI with 10MHz and Low Standby
logo
Everspin Technologies I...
MR25H10 EVERSPIN-MR25H10 Datasheet
1Mb / 20P
   1Mb Serial SPI MRAM
Rev. 9.5 3/2018
logo
STMicroelectronics
AN970 STMICROELECTRONICS-AN970 Datasheet
69Kb / 10P
   SPI COMMUNICATION BETWEEN ST7 AND EEPROM
logo
Xicor Inc.
X5645 XICOR-X5645 Datasheet
117Kb / 19P
   CPU Supervisor with 64Kbit SPI EEPROM
logo
Intersil Corporation
X5163S INTERSIL-X5163S Datasheet
371Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5643 RENESAS-X5643 Datasheet
734Kb / 19P
   CPU Supervisor with 64Kbit SPI EEPROM
July 18, 2005
logo
Intersil Corporation
X5043 INTERSIL-X5043 Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8IZ-4.5A INTERSIL-X5045S8IZ-4.5A Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5328 INTERSIL-X5328 Datasheet
340Kb / 21P
   CPU Supervisor with 32Kbit SPI EEPROM
X5043 INTERSIL-X5043_06 Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com