전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD6N52K3 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 STD6N52K3
상세설명  Extremely high dv/dt capability
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD6N52K3 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button STD6N52K3 Datasheet HTML 5Page - STMicroelectronics STD6N52K3 Datasheet HTML 6Page - STMicroelectronics STD6N52K3 Datasheet HTML 7Page - STMicroelectronics STD6N52K3 Datasheet HTML 8Page - STMicroelectronics STD6N52K3 Datasheet HTML 9Page - STMicroelectronics STD6N52K3 Datasheet HTML 10Page - STMicroelectronics STD6N52K3 Datasheet HTML 11Page - STMicroelectronics STD6N52K3 Datasheet HTML 12Page - STMicroelectronics STD6N52K3 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
STB6N52K3, STD6N52K3, STF6N52K3, STP6N52K3
Test circuits
Doc ID 14994 Rev 2
9/22
3
Test circuits
Figure 19. Switching times test circuit for
resistive load
Figure 20. Gate charge test circuit
Figure 21. Test circuit for inductive load
switching and diode recovery times
Figure 22. Unclamped Inductive load test
circuit
Figure 23. Unclamped inductive waveform
Figure 24. Switching time waveform
AM01468v1
VGS
PW
VD
RG
RL
D.U.T.
2200
μF
3.3
μF
VDD
AM01469v1
VDD
47k
Ω
1k
Ω
47k
Ω
2.7k
Ω
1k
Ω
12V
Vi=20V=VGMAX
2200
μF
PW
IG=CONST
100
Ω
100nF
D.U.T.
VG
AM01470v1
A
D
D.U.T.
S
B
G
25
Ω
A
A
B
B
RG
G
FAST
DIODE
D
S
L=100
μH
μF
3.3
1000
μF
VDD
AM01471v1
Vi
Pw
VD
ID
D.U.T.
L
2200
μF
3.3
μF
VDD
AM01472v1
V(BR)DSS
VDD
VDD
VD
IDM
ID
AM01473v1
VDS
ton
tdon
tdoff
toff
tf
tr
90%
10%
10%
0
0
90%
90%
10%
VGS


유사한 부품 번호 - STD6N52K3

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD6N52K3 STMICROELECTRONICS-STD6N52K3 Datasheet
249Kb / 12P
   N-channel 525 V, 1 廓, 5 A, DPAK, TO-220FP SuperMESH3??Power MOSFET
More results

유사한 설명 - STD6N52K3

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF7N60 SILIKRON-SSF7N60 Datasheet
439Kb / 6P
   Extremely high dv/dt capability
SSF2715 SILIKRON-SSF2715 Datasheet
452Kb / 6P
   Extremely high dv/dt capability
logo
STMicroelectronics
STFI10NK60Z STMICROELECTRONICS-STFI10NK60Z Datasheet
530Kb / 13P
   Extremely high dv/dt capability
March 2012 Rev 3
logo
Silikron Semiconductor ...
SSF8N60 SILIKRON-SSF8N60 Datasheet
440Kb / 6P
   Extremely high dv/dt capability
SSF8N65 SILIKRON-SSF8N65 Datasheet
439Kb / 6P
   Extremely high dv/dt capability
logo
STMicroelectronics
STB9NK80Z STMICROELECTRONICS-STB9NK80Z Datasheet
987Kb / 15P
   Extremely high dv/dt capability
logo
Silikron Semiconductor ...
SSF4N60 SILIKRON-SSF4N60 Datasheet
654Kb / 6P
   Extremely high dv/dt capability
logo
STMicroelectronics
STP35N60DM2 STMICROELECTRONICS-STP35N60DM2 Datasheet
733Kb / 13P
   Extremely high dv/dt ruggedness
STW72N60DM2AG STMICROELECTRONICS-STW72N60DM2AG Datasheet
728Kb / 12P
   Extremely high dv/dt ruggedness
December 2015 Rev 4
STP45N60DM2AG STMICROELECTRONICS-STP45N60DM2AG Datasheet
420Kb / 13P
   Extremely high dv/dt ruggedness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com