전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD6N52K3 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STD6N52K3
상세설명  Extremely high dv/dt capability
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD6N52K3 데이터시트(HTML) 1 Page - STMicroelectronics

  STD6N52K3 Datasheet HTML 1Page - STMicroelectronics STD6N52K3 Datasheet HTML 2Page - STMicroelectronics STD6N52K3 Datasheet HTML 3Page - STMicroelectronics STD6N52K3 Datasheet HTML 4Page - STMicroelectronics STD6N52K3 Datasheet HTML 5Page - STMicroelectronics STD6N52K3 Datasheet HTML 6Page - STMicroelectronics STD6N52K3 Datasheet HTML 7Page - STMicroelectronics STD6N52K3 Datasheet HTML 8Page - STMicroelectronics STD6N52K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
March 2011
Doc ID 14994 Rev 2
1/22
22
STB6N52K3, STD6N52K3
STF6N52K3, STP6N52K3
N-channel 525 V, 1
Ω, 5 A, D²PAK, DPAK, TO-220FP, TO-220
SuperMESH3™ Power MOSFET
Features
100% avalanche tested
Extremely high dv/dt capability
Gate charge minimized
Very low intrinsic capacitance
Improved diode reverse recovery
characteristics
Zener-protected
Application
Switching applications
Description
These devices are made using the
SuperMESH3™ Power MOSFET technology that
is obtained via improvements applied to
STMicroelectronics’ SuperMESH™ technology
combined with a new optimized vertical structure.
The resulting product has an extremely low on
resistance, superior dynamic performance and
high avalanche capability, making it especially
suitable for the most demanding applications.
Figure 1.
Internal schematic diagram
Order codes
VDSS
RDS(on)
max
ID
Pw
STB6N52K3
525 V
< 1.2
Ω
5 A
70 W
STD6N52K3
5 A(1)
1.
Limited by package
25 W
STF6N52K3
5 A
70 W
STP6N52K3
1
3
DPAK
TO-220FP
1
2
3
1
2
3
TO-220
1
3
D²PAK
D(2)
G(1)
S(3)
AM01476v1
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB6N52K3
6N52K3
D²PAK
Tape and reel
STD6N52K3
DPAK
STF6N52K3
TO-220FP
Tube
STP6N52K3
TO-220
www.st.com


유사한 부품 번호 - STD6N52K3

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD6N52K3 STMICROELECTRONICS-STD6N52K3 Datasheet
249Kb / 12P
   N-channel 525 V, 1 廓, 5 A, DPAK, TO-220FP SuperMESH3??Power MOSFET
More results

유사한 설명 - STD6N52K3

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF7N60 SILIKRON-SSF7N60 Datasheet
439Kb / 6P
   Extremely high dv/dt capability
SSF2715 SILIKRON-SSF2715 Datasheet
452Kb / 6P
   Extremely high dv/dt capability
logo
STMicroelectronics
STFI10NK60Z STMICROELECTRONICS-STFI10NK60Z Datasheet
530Kb / 13P
   Extremely high dv/dt capability
March 2012 Rev 3
logo
Silikron Semiconductor ...
SSF8N60 SILIKRON-SSF8N60 Datasheet
440Kb / 6P
   Extremely high dv/dt capability
SSF8N65 SILIKRON-SSF8N65 Datasheet
439Kb / 6P
   Extremely high dv/dt capability
logo
STMicroelectronics
STB9NK80Z STMICROELECTRONICS-STB9NK80Z Datasheet
987Kb / 15P
   Extremely high dv/dt capability
logo
Silikron Semiconductor ...
SSF4N60 SILIKRON-SSF4N60 Datasheet
654Kb / 6P
   Extremely high dv/dt capability
logo
STMicroelectronics
STP35N60DM2 STMICROELECTRONICS-STP35N60DM2 Datasheet
733Kb / 13P
   Extremely high dv/dt ruggedness
STW72N60DM2AG STMICROELECTRONICS-STW72N60DM2AG Datasheet
728Kb / 12P
   Extremely high dv/dt ruggedness
December 2015 Rev 4
STP45N60DM2AG STMICROELECTRONICS-STP45N60DM2AG Datasheet
420Kb / 13P
   Extremely high dv/dt ruggedness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com