전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD7N80K5 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STD7N80K5
상세설명  Zener-protected
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD7N80K5 데이터시트(HTML) 5 Page - STMicroelectronics

  STD7N80K5 Datasheet HTML 1Page - STMicroelectronics STD7N80K5 Datasheet HTML 2Page - STMicroelectronics STD7N80K5 Datasheet HTML 3Page - STMicroelectronics STD7N80K5 Datasheet HTML 4Page - STMicroelectronics STD7N80K5 Datasheet HTML 5Page - STMicroelectronics STD7N80K5 Datasheet HTML 6Page - STMicroelectronics STD7N80K5 Datasheet HTML 7Page - STMicroelectronics STD7N80K5 Datasheet HTML 8Page - STMicroelectronics STD7N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DocID023448 Rev 5
5/21
STD7N80K5, STP7N80K5, STU7N80K5
Electrical characteristics
21
The built-in back-to-back Zener diodes have been specifically designed to enhance not only
the device's ESD capability, but also to make them capable of safely absorbing any voltage
transients that may occasionally be applied from gate to source. In this respect, the Zener
voltage is appropriate to achieve efficient and cost-effective protection of device integrity.
The integrated Zener diodes thus eliminate the need for external components.
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 400 V, ID = 3 A,
RG=4.7 Ω, VGS=10 V
(see Figure 19)
-11.3
-
ns
tr
Rise time
8.3
ns
td(off)
Turn-off delay time
23.7
ns
tf
Fall time
20.2
ns
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
6
A
ISDM
Source-drain current (pulsed)
-
24
A
VSD
(1)
1.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward on voltage
ISD= 6 A, VGS=0
-
1.5
V
trr
Reverse recovery time
ISD= 6 A, VDD= 60 V
di/dt = 100 A/µs,
(see Figure 18)
-
315
ns
Qrr
Reverse recovery charge
-
2.8
µC
IRRM
Reverse recovery current
-
17.5
A
trr
Reverse recovery time
ISD= 6 A,VDD= 60 V
di/dt=100 A/µs,
Tj=150 °C
(see Figure 18)
-
480
ns
Qrr
Reverse recovery charge
-
3.8
µC
IRRM
Reverse recovery current
-
16
A
Table 8. Gate-source Zener diode
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
V(BR)GSO Gate-source breakdown voltage IGS= ± 1mA, ID=0
30
-
-
V


유사한 부품 번호 - STD7N80K5

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - STD7N80K5

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STB8N90K5 STMICROELECTRONICS-STB8N90K5 Datasheet
894Kb / 15P
   Zener-protected
November 2016 Rev 1
STW40N95K5 STMICROELECTRONICS-STW40N95K5 Datasheet
767Kb / 13P
   Zener-protected
November 2014 Rev 2
STW7N90K5 STMICROELECTRONICS-STW7N90K5 Datasheet
736Kb / 12P
   Zener-protected
October 2016 Rev 1
STU6N90K5 STMICROELECTRONICS-STU6N90K5 Datasheet
704Kb / 12P
   Zener-protected
November 2016 Rev 1
STD12N50M2 STMICROELECTRONICS-STD12N50M2 Datasheet
754Kb / 16P
   Zener-protected
December 2014 Rev 4
STL12N65M2 STMICROELECTRONICS-STL12N65M2 Datasheet
472Kb / 15P
   Zener-protected
May 2015 Rev 1
STU7LN80K5 STMICROELECTRONICS-STU7LN80K5 Datasheet
406Kb / 12P
   Zener-protected
January 2016 Rev 1
STF16N65M2 STMICROELECTRONICS-STF16N65M2 Datasheet
786Kb / 13P
   Zener-protected
October 2014 Rev 1
STW20N90K5 STMICROELECTRONICS-STW20N90K5 Datasheet
695Kb / 12P
   Zener-protected
December 2016 Rev 2
STL18N65M2 STMICROELECTRONICS-STL18N65M2 Datasheet
710Kb / 14P
   Zener-protected
October 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com