전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STFI20NM65N 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STFI20NM65N
상세설명  N-channel 650 V, 15 A, 0.250typ., MDmesh??II Power MOSFET in a I짼PAKFP package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFI20NM65N 데이터시트(HTML) 3 Page - STMicroelectronics

  STFI20NM65N Datasheet HTML 1Page - STMicroelectronics STFI20NM65N Datasheet HTML 2Page - STMicroelectronics STFI20NM65N Datasheet HTML 3Page - STMicroelectronics STFI20NM65N Datasheet HTML 4Page - STMicroelectronics STFI20NM65N Datasheet HTML 5Page - STMicroelectronics STFI20NM65N Datasheet HTML 6Page - STMicroelectronics STFI20NM65N Datasheet HTML 7Page - STMicroelectronics STFI20NM65N Datasheet HTML 8Page - STMicroelectronics STFI20NM65N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DocID025737 Rev 1
3/12
STFI20NM65N
Electrical ratings
12
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DS
Drain source voltage
650
V
V
GS
Gate source voltage
± 25
V
I
D
Drain current continuous T
C
=25 °C
15
(1)
1.
Limited only by maximum temperature allowed.
A
I
D
Drain current continuous T
C
=100 °C
9.45
A
I
DM
(2)
2.
Pulse width limited by safe operating area.
Drain current pulsed
60
A
P
TOT
Total dissipation at T
C
=25 °C
30
W
dv/dt
(3)
3.
I
SD
15 A, di/dt
≤ 400 A/μs, V
DS peak
V
(BR)DSS
, V
DD
= 80% V
(BR)DSS
.
Peak diode recovery voltage slope
15
V/ns
V
ISO
Insulation withstand voltage (RMS) from all three leads
to external heatsink
(t=1 s; T
C
= 25 °C)
2500
V
T
stg
T
J
Storage temperature
Max. operating junction temperature
-55 to 150
150
°C
Table 3. Thermal data
Symbol
Parameters
Value
Unit
R
thjc
Thermal resistance junction-case max.
4.17
°C/W
R
thja
Thermal resistance junction-ambient max.
62.5
°C/W
Table 4. Avalanche characteristics
Symbol
Parameters
Value
Unit
I
AS
Avalanche current, repetitive or not-repetitive (pulse
width limited by T
j max
)
4A
E
AS
Single pulse avalanche energy (starting T
J
= 25 °C,
I
D
= I
AR
, V
DD
= 50 V)
115
mJ


유사한 부품 번호 - STFI20NM65N

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STFI20N65M5 STMICROELECTRONICS-STFI20N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.160 Ω typ., 18 A MDmesh M5 Power MOSFETs in TO-220FP, I²PAKFP and TO-3PF packages
March 2017
STFI20NK50Z STMICROELECTRONICS-STFI20NK50Z Datasheet
531Kb / 13P
   N-channel 500 V, 0.23 廓, 17 A Zener-protected SuperMESH?? Power MOSFET in I짼PAKFP package
March 2012 Rev 3
More results

유사한 설명 - STFI20NM65N

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STFI15N95K5 STMICROELECTRONICS-STFI15N95K5 Datasheet
754Kb / 13P
   N-channel 950 V, 0.41 廓 typ., 12 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
July 2016 Rev 1
STFI7LN80K5 STMICROELECTRONICS-STFI7LN80K5 Datasheet
699Kb / 12P
   N-channel 800 V, 0.95 廓 typ., 5 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
December 2015 Rev 1
STFI10LN80K5 STMICROELECTRONICS-STFI10LN80K5 Datasheet
628Kb / 13P
   N-channel 800 V, 0.55 廓 typ., 8 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
February 2016
STFI5N80K5 STMICROELECTRONICS-STFI5N80K5 Datasheet
723Kb / 12P
   N-channel 800 V, 1.50 廓 typ., 4 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
May 2016
STFI13NM60N STMICROELECTRONICS-STFI13NM60N Datasheet
782Kb / 12P
   N-channel 600 V, 0.28 廓, 11 A MDmesh??II Power MOSFET in I짼PAKFP package
May 2012 Rev 4
STF15NM65N STMICROELECTRONICS-STF15NM65N_V01 Datasheet
923Kb / 15P
   N-channel 650 V, 0.35 廓 typ., 12 A MDmesh??II Power MOSFETs in TO-220FP and I짼PAKFP packages
July 2016
STFI12N60M2 STMICROELECTRONICS-STFI12N60M2 Datasheet
380Kb / 12P
   N-channel 600 V, 0.395 廓 typ., 9 A MDmesh??M2 Power MOSFET in an I짼PAKFP package
May 2015 Rev 1
STY139N65M5 STMICROELECTRONICS-STY139N65M5 Datasheet
971Kb / 13P
   N-channel 650 V, 0.014 廓 typ., 130 A, MDmesh??V Power MOSFET in Max247 package
STY145N65M5 STMICROELECTRONICS-STY145N65M5 Datasheet
788Kb / 13P
   N-channel 650 V, 0.012 廓 typ., 138 A, MDmesh??V Power MOSFET in Max247 package
STW57N65M5-4 STMICROELECTRONICS-STW57N65M5-4 Datasheet
1Mb / 14P
   N-channel 650 V, 0.056 廓 typ., 42 A, MDmesh??V Power MOSFET in a TO247-4 package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com