전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4312-B10-GMR 데이터시트(PDF) 10 Page - Silicon Laboratories

부품명 SI4312-B10-GMR
상세설명  315/433.92 MHZ OOK RECEIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4312-B10-GMR 데이터시트(HTML) 10 Page - Silicon Laboratories

Back Button SI4312-B10-GMR Datasheet HTML 6Page - Silicon Laboratories SI4312-B10-GMR Datasheet HTML 7Page - Silicon Laboratories SI4312-B10-GMR Datasheet HTML 8Page - Silicon Laboratories SI4312-B10-GMR Datasheet HTML 9Page - Silicon Laboratories SI4312-B10-GMR Datasheet HTML 10Page - Silicon Laboratories SI4312-B10-GMR Datasheet HTML 11Page - Silicon Laboratories SI4312-B10-GMR Datasheet HTML 12Page - Silicon Laboratories SI4312-B10-GMR Datasheet HTML 13Page - Silicon Laboratories SI4312-B10-GMR Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Si4312
10
Rev. 0.5
3.5. RATIO Selection Used for the Slicer Threshold Calculation Window
In OOK modulation, many different encoding schemes exist, which can result in variable ON and OFF times as
seen in the example data waveforms shown in Figure 4. In order to determine the proper slicer threshold used for
demodulating the OOK signal into digital data, the Si4312 must sample an "ON" and "OFF" event in a time window
called the threshold calculation window. The samples during the "ON" time will determine the ON voltage, and the
samples during the "OFF" time will determine the OFF voltage. These voltages are used to determine the slicer
threshold voltage as follows:
Defining the BT variable from the last section as the ON time and
then, the threshold calculation window is calculated as follows:
The threshold calculation window is 1.25 times longer than the ON plus OFF times for margin to allow sampling of
both ON and OFF times. Figure 5 shows a graph of the threshold calculation window.
Figure 5. Example of the Threshold Calculation
Ratio is a unit-less multiplier that relates the OFF time to the ON time. The Si4312 defines two constants for RATIO
as shown in Table 10 based on the logic level of pin 5.
Table 10. RATIO Constants Based on Logic Level of Pin 5
Pin 5
RATIO
05
110
SlicerThreshold
Max_ON_Voltage
Min_OFF_Voltage
+

2
-----------------------------------------------------------------------------------------------------------
=
RATIO
OFF
ON
------------
=
Threshold Calculation Window
1.25
ON
OFF
+

1.25
BT
BT
RATIO
+

1.25
BT RATIO
1
+

=
=
=
Threshold Calculation Window
Digital Data
PPM
Encoding
“1”
“0”
“1”
“1”
1000 us
100 us
OOK
Waveform
ON voltage
OFF voltage


유사한 부품 번호 - SI4312-B10-GMR

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4312-B10-GM SILABS-SI4312-B10-GM Datasheet
204Kb / 22P
   315/433.92 MHZ OOK RECEIVER
More results

유사한 설명 - SI4312-B10-GMR

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4312 SILABS-SI4312 Datasheet
204Kb / 22P
   315/433.92 MHZ OOK RECEIVER
logo
List of Unclassifed Man...
CMT2210LW ETC2-CMT2210LW Datasheet
496Kb / 20P
   Low-Cost 315/433.92 MHz OOK Stand-Alone Receiver
logo
Princeton Technology Co...
PT4308 PTC-PT4308 Datasheet
336Kb / 4P
   Compact 433.92 MHz OOK/ASK Receiver
PT4306 PTC-PT4306 Datasheet
347Kb / 5P
   Compact 433.92 MHz OOK/ASK Receiver
logo
Silicon Laboratories
SI4311 SILABS-SI4311 Datasheet
168Kb / 20P
   315/433.92 MHZ FSK RECEIVER
logo
Princeton Technology Co...
PT4307 PTC-PT4307 Datasheet
343Kb / 5P
   Compact 315 MHz OOK/ASK Receiver
PT4305 PTC-PT4305 Datasheet
248Kb / 5P
   315 MHz / 433.92 MHz PLL Tuned Low Power FSK Receiver
logo
Murata Manufacturing Co...
DR5100 MURATA-DR5100 Datasheet
330Kb / 4P
   433.92 MHz Receiver Module
logo
RF Monolithics, Inc
RX5000 RFM-RX5000 Datasheet
103Kb / 11P
   433.92 MHz Hybrid Receiver
DR5100 RFM-DR5100 Datasheet
146Kb / 4P
   433.92 MHz Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com