전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGIPS10K60A2 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 STGIPS10K60A2
상세설명  Short-circuit rugged IGBT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS10K60A2 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button STGIPS10K60A2 Datasheet HTML 7Page - STMicroelectronics STGIPS10K60A2 Datasheet HTML 8Page - STMicroelectronics STGIPS10K60A2 Datasheet HTML 9Page - STMicroelectronics STGIPS10K60A2 Datasheet HTML 10Page - STMicroelectronics STGIPS10K60A2 Datasheet HTML 11Page - STMicroelectronics STGIPS10K60A2 Datasheet HTML 12Page - STMicroelectronics STGIPS10K60A2 Datasheet HTML 13Page - STMicroelectronics STGIPS10K60A2 Datasheet HTML 14Page - STMicroelectronics STGIPS10K60A2 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
DocID025667 Rev 3
11/18
STGIPS10K60A2
Electrical characteristics
18
Minimum recommended dead time (DT) between low and high side logic input: 1 µs.
Figure 7. Maximum IC(RMS) current vs. switching
frequency (1)
Figure 8. Maximum IC(RMS) current vs. fSINE
(1)
1.
Simulated curves refer to typical IGBT parameters and maximum Rthj-c.
V
PN= 300 V, Modulation index = 0.8,
PF = 0.6, T
j= 150°C, f SINE = 60 Hz
TC
= 100°C
TC
= 80°C
IC (RMS)
6
6
fsw(kHz)
(A)
410
8
10
12
12
814
16
AM03801v1
fsw = 12 kHz
fsw = 20 kHz
fsw = 16 kHz
V
PN= 300 V, Modulation index = 0.8,
PF = 0.6, T
j = 150°C, Tc = 100 °C
IC (RMS)
5
4
fSINE(Hz)
(A)
1
10
6
7
8
AM03802v1
Figure 9. Dead time and interlocking definition
DT
DT
DT
LIN
HIN
LVG
HVG
AM03794v1


유사한 부품 번호 - STGIPS10K60A2

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGIPS10K60A STMICROELECTRONICS-STGIPS10K60A Datasheet
458Kb / 17P
   IGBT intelligent power module (IPM) 10 A, 600 V, DBC isolated SDIP-25L molded
More results

유사한 설명 - STGIPS10K60A2

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-IHM003V1 STMICROELECTRONICS-STEVAL-IHM003V1 Datasheet
116Kb / 4P
   Inverter stage IGBT short circuit rugged based
STGB19NC60KD STMICROELECTRONICS-STGB19NC60KD Datasheet
586Kb / 17P
   20 A - 600 V - short circuit rugged IGBT
STGB8NC60KD STMICROELECTRONICS-STGB8NC60KD Datasheet
562Kb / 18P
   600 V - 8 A - short circuit rugged IGBT
STGW30N120KD STMICROELECTRONICS-STGW30N120KD Datasheet
359Kb / 13P
   30 A - 1200 V - short circuit rugged IGBT
STGB30NC60K STMICROELECTRONICS-STGB30NC60K Datasheet
385Kb / 15P
   30 A - 600 V - short circuit rugged IGBT
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD_10 Datasheet
543Kb / 16P
   14 A, 600 V - short-circuit rugged IGBT
STGB19NC60K STMICROELECTRONICS-STGB19NC60K Datasheet
524Kb / 15P
   20 A - 600 V - short circuit rugged IGBT
STGW40NC60KD STMICROELECTRONICS-STGW40NC60KD Datasheet
846Kb / 13P
   600 V, 40 A short-circuit rugged IGBT
STGF14HF60KD STMICROELECTRONICS-STGF14HF60KD Datasheet
412Kb / 12P
   14 A - 600 V - short-circuit rugged IGBT
August 2009
STGP10HF60KD STMICROELECTRONICS-STGP10HF60KD Datasheet
477Kb / 13P
   10 A - 600 V - short-circuit rugged IGBT
February 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com