전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGIPS10K60T-H 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 STGIPS10K60T-H
상세설명  Short-circuit rugged IGBTs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS10K60T-H 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button STGIPS10K60T-H Datasheet HTML 3Page - STMicroelectronics STGIPS10K60T-H Datasheet HTML 4Page - STMicroelectronics STGIPS10K60T-H Datasheet HTML 5Page - STMicroelectronics STGIPS10K60T-H Datasheet HTML 6Page - STMicroelectronics STGIPS10K60T-H Datasheet HTML 7Page - STMicroelectronics STGIPS10K60T-H Datasheet HTML 8Page - STMicroelectronics STGIPS10K60T-H Datasheet HTML 9Page - STMicroelectronics STGIPS10K60T-H Datasheet HTML 10Page - STMicroelectronics STGIPS10K60T-H Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DocID024167 Rev 5
7/19
STGIPS10K60T-H
Electrical characteristics
19
3
Electrical characteristics
TJ = 25 °C unless otherwise specified.
Note:
tON and tOFF include the propagation delay time of the internal drive. tC(ON) and tC(OFF) are
the switching time of IGBT itself under the internally given gate driving condition.
Table 7. Inverter part
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
VCE(sat)
Collector-emitter
saturation voltage
VCC = Vboot = 15 V,
VIN
(1)= 5 V,
IC = 5 A
1.
Applied between HINi, LINi and GND for i = U, V, W.
-2.1
2.5
V
VCC = Vboot = 15 V,
VIN
(1)= 5 V,
IC = 5 A, Tj = 125 °C
-1.8
ICES
Collector-cut off current
(VIN
(1) = 0 “logic state”)
VCE = 550 V
VCC = Vboot = 15 V
-150
µA
VF
Diode forward voltage
(VIN
(1) = 0 “logic state”), I
C =
5 A
-1.9
V
Inductive load switching time and energy
ton
Turn-on time
VDD = 300 V,
VCC = Vboot = 15 V,
VIN
(1)= 0 ÷ 5 V
IC = 5 A (see Figure 4)
-320
-
ns
tc(on)
Crossover time (on)
-
70
-
toff
Turn-off time
-
430
-
tc(off)
Crossover time (off)
-
135
-
trr
Reverse recovery time
-
130
-
Eon
Turn-on switching losses
-
65
-
µJ
Eoff
Turn-off switching losses
-
75
-


유사한 부품 번호 - STGIPS10K60T-H

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGIPS10K60T STMICROELECTRONICS-STGIPS10K60T Datasheet
934Kb / 20P
   SLLIMM (small low-loss intelligent molded module) IPM, 3-phase inverter - 10 A, 600 V short-circuit rugged IGBT
More results

유사한 설명 - STGIPS10K60T-H

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGIPS35K60L1 STMICROELECTRONICS-STGIPS35K60L1 Datasheet
623Kb / 21P
   Short-circuit rugged IGBTs
August 2012 Rev 3
STGIPS15C60-H STMICROELECTRONICS-STGIPS15C60-H Datasheet
707Kb / 20P
   Short-circuit rugged IGBTs
April 2015 Rev 3
STGIPS10K60A2 STMICROELECTRONICS-STGIPS10K60A2 Datasheet
535Kb / 18P
   Short-circuit rugged IGBT
April 2015 Rev 3
STGIF7CH60TS-L STMICROELECTRONICS-STGIF7CH60TS-L Datasheet
491Kb / 25P
   SLLIMM??- 2nd series IPM, 3-phase inverter, 10 A, 600 V short-circuit rugged IGBTs
December 2015 Rev 6
STGIPQ8C60T-HZ STMICROELECTRONICS-STGIPQ8C60T-HZ Datasheet
697Kb / 25P
   SLLIMM??nano - 2nd series IPM, 3-phase inverter, 8 A, 600 V short-circuit rugged IGBTs
December 2016 Rev 3
STGIB30CH60TS-E STMICROELECTRONICS-STGIB30CH60TS-E Datasheet
572Kb / 22P
   SLLIMM™ - 2nd series IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBTs
August 2014 Rev 2
STGIPQ5C60T-HLS STMICROELECTRONICS-STGIPQ5C60T-HLS Datasheet
1Mb / 27P
   SLLIMMTM nano - 2nd series IPM, 3-phase inverter, 5 A, 600 V, short‑circuit rugged IGBTs
March 2019 Rev 5
STGIB30CH60TS-L STMICROELECTRONICS-STGIB30CH60TS-L Datasheet
587Kb / 22P
   SLLIMM™ - 2nd series IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBTs
August 2014 Rev 2
STEVAL-IHM003V1 STMICROELECTRONICS-STEVAL-IHM003V1 Datasheet
116Kb / 4P
   Inverter stage IGBT short circuit rugged based
STGIPQ5C60T-HL STMICROELECTRONICS-STGIPQ5C60T-HL Datasheet
1Mb / 26P
   SLLIMM??nano - 2 nd series IPM, 3-phase inverter, 5 A, 600 V short-circuit rugged IGBTs
March 2017 Rev 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com