전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGIPS35K60L1 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 STGIPS35K60L1
상세설명  Short-circuit rugged IGBTs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS35K60L1 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button STGIPS35K60L1 Datasheet HTML 4Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 5Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 6Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 7Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 8Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 9Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 10Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 11Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Electrical characteristics
STGIPS35K60L1
8/21
Doc ID 018864 Rev 3
Figure 4.
Switching time test circuit
Figure 5.
Switching time definition (1)
1.
“Switching time definition" refers to HIN inputs (active high). For LIN inputs (active low), VIN polarity must
be inverted for turn-on and turn-off.
VCE
IC
IC
VIN
t
ON
t
C(ON)
VIN(ON)
10% IC 90% IC 10% VCE
(a) turn-on
(b) turn-off
t
rr
100% IC 100% IC
VIN
VCE
t
OFF
t
C(OFF)
VIN(OFF)
10%
VCE
10%
IC
AM09223V1
Obsolete
Product(s)
- Obsolete
Product(s)


유사한 부품 번호 - STGIPS35K60L1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGIPS30C60 STMICROELECTRONICS-STGIPS30C60 Datasheet
1Mb / 21P
   SLLIMM small low-loss intelligent molded module IPM, 3-phase inverter - 30 A, 600 V short-circuit rugged IGBT
STGIPS30C60-H STMICROELECTRONICS-STGIPS30C60-H Datasheet
1Mb / 21P
   SLLIMM small low-loss intelligent molded module IPM 3-phase inverter - 30 A
STGIPS30C60T-H STMICROELECTRONICS-STGIPS30C60T-H Datasheet
712Kb / 19P
   SLLIMM??small low-loss intelligent molded module IPM, 3-phase inverter - 30 A, 600 V short-circuit rugged IGBT
April 2015 Rev 3
More results

유사한 설명 - STGIPS35K60L1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGIPS10K60T-H STMICROELECTRONICS-STGIPS10K60T-H Datasheet
688Kb / 19P
   Short-circuit rugged IGBTs
April 2015 Rev 5
STGIPS15C60-H STMICROELECTRONICS-STGIPS15C60-H Datasheet
707Kb / 20P
   Short-circuit rugged IGBTs
April 2015 Rev 3
STGIPS10K60A2 STMICROELECTRONICS-STGIPS10K60A2 Datasheet
535Kb / 18P
   Short-circuit rugged IGBT
April 2015 Rev 3
STGIF7CH60TS-L STMICROELECTRONICS-STGIF7CH60TS-L Datasheet
491Kb / 25P
   SLLIMM??- 2nd series IPM, 3-phase inverter, 10 A, 600 V short-circuit rugged IGBTs
December 2015 Rev 6
STGIPQ8C60T-HZ STMICROELECTRONICS-STGIPQ8C60T-HZ Datasheet
697Kb / 25P
   SLLIMM??nano - 2nd series IPM, 3-phase inverter, 8 A, 600 V short-circuit rugged IGBTs
December 2016 Rev 3
STGIB30CH60TS-E STMICROELECTRONICS-STGIB30CH60TS-E Datasheet
572Kb / 22P
   SLLIMM™ - 2nd series IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBTs
August 2014 Rev 2
STGIPQ5C60T-HLS STMICROELECTRONICS-STGIPQ5C60T-HLS Datasheet
1Mb / 27P
   SLLIMMTM nano - 2nd series IPM, 3-phase inverter, 5 A, 600 V, short‑circuit rugged IGBTs
March 2019 Rev 5
STGIB30CH60TS-L STMICROELECTRONICS-STGIB30CH60TS-L Datasheet
587Kb / 22P
   SLLIMM™ - 2nd series IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBTs
August 2014 Rev 2
STEVAL-IHM003V1 STMICROELECTRONICS-STEVAL-IHM003V1 Datasheet
116Kb / 4P
   Inverter stage IGBT short circuit rugged based
STGIPQ5C60T-HL STMICROELECTRONICS-STGIPQ5C60T-HL Datasheet
1Mb / 26P
   SLLIMM??nano - 2 nd series IPM, 3-phase inverter, 5 A, 600 V short-circuit rugged IGBTs
March 2017 Rev 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com