전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AME8500BEFVBD16 데이터시트(PDF) 5 Page - Analog Microelectronics

부품명 AME8500BEFVBD16
상세설명  UProcessor Supervisory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AME [Analog Microelectronics]
홈페이지  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8500BEFVBD16 데이터시트(HTML) 5 Page - Analog Microelectronics

  AME8500BEFVBD16 Datasheet HTML 1Page - Analog Microelectronics AME8500BEFVBD16 Datasheet HTML 2Page - Analog Microelectronics AME8500BEFVBD16 Datasheet HTML 3Page - Analog Microelectronics AME8500BEFVBD16 Datasheet HTML 4Page - Analog Microelectronics AME8500BEFVBD16 Datasheet HTML 5Page - Analog Microelectronics AME8500BEFVBD16 Datasheet HTML 6Page - Analog Microelectronics AME8500BEFVBD16 Datasheet HTML 7Page - Analog Microelectronics AME8500BEFVBD16 Datasheet HTML 8Page - Analog Microelectronics AME8500BEFVBD16 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AME, Inc.
5
AME8500 / 8501
µµµµµProcessor Supervisory
n Ordering Information
Part Number
Marking
VTH Voltage
Package
Operating Temp. Range
AME8500AEETAA21
ASVww
2.10V
SOT-23
- 40
oC to + 85oC
AME8500AEETAD20
ALXww
2.00V
SOT-23
- 40
oC to + 85oC
AME8500AEETAE20
AUAww
2.00V
SOT-23
- 40
oC to + 85oC
AME8500AEETAE21
AVGww
2.10V
SOT-23
- 40
oC to + 85oC
AME8500AEETAE26
ASJww
2.63V
SOT-23
- 40
oC to + 85oC
AME8500AEETAE26L
ASJww
2.63V
SOT-23
- 40
oC to + 85oC
AME8500AEETAE29
ALYww
2.93V
SOT-23
- 40
oC to + 85oC
AME8500AEETAE31
AUBww
3.08V
SOT-23
- 40
oC to + 85oC
AME8500AEETAE46
ATSww
4.63V
SOT-23
- 40
oC to + 85oC
AME8500AEETAF15
ATDww
1.50V
SOT-23
- 40
oC to + 85oC
AME8500AEETAF16
ATEww
1.60V
SOT-23
- 40
oC to + 85oC
AME8500AEETAF21
ASKww
2.10V
SOT-23
- 40
oC to + 85oC
AME8500AEETAF23
ATTww
2.32V
SOT-23
- 40
oC to + 85oC
AME8500AEETAF26
AMPww
2.63V
SOT-23
- 40
oC to + 85oC
AME8500AEETAF27
ATRww
2.70V
SOT-23
- 40
oC to + 85oC
AME8500AEETAF29
AMOww
2.93V
SOT-23
- 40
oC to + 85oC
AME8500AEETAF31
ASAww
3.08V
SOT-23
- 40
oC to + 85oC
AME8500AEETAF40
ASBww
4.00V
SOT-23
- 40
oC to + 85oC
AME8500AEETAF44
ARNww
4.38V
SOT-23
- 40
oC to + 85oC
AME8500AEETAF46
ARKww
4.63V
SOT-23
- 40
oC to + 85oC
AME8500AEETBF31
AUTww
3.08V
SOT-23
- 40
oC to + 85oC
AME8500AEETBF46
AUUww
4.63V
SOT-23
- 40
oC to + 85oC
AME8500AEETCA21
ASWww
2.10V
SOT-23
- 40
oC to + 85oC
AME8500AEETCA27
AVBww
2.70V
SOT-23
- 40
oC to + 85oC
AME8500AEETCA46
AVCww
4.63V
SOT-23
- 40
oC to + 85oC
AME8500AEETCD20
ALZww
2.00V
SOT-23
- 40
oC to + 85oC
AME8500AEETCF21
ATYww
2.10V
SOT-23
- 40
oC to + 85oC
AME8500AEETCF29
ALVww
2.93V
SOT-23
- 40
oC to + 85oC
AME8500AEETCF31
ASUww
3.08V
SOT-23
- 40
oC to + 85oC


유사한 부품 번호 - AME8500BEFVBD16

제조업체부품명데이터시트상세설명
logo
Analog Microelectronics
AME8500BEFT AME-AME8500BEFT Datasheet
70Kb / 11P
   Micropower uP Reset Family
AME8500BEFTAA27 AME-AME8500BEFTAA27 Datasheet
70Kb / 11P
   Micropower uP Reset Family
More results

유사한 설명 - AME8500BEFVBD16

제조업체부품명데이터시트상세설명
logo
GTM CORPORATION
GN809 GTM-GN809 Datasheet
370Kb / 4P
   UPROCESSOR SUPERVISORY
logo
ON Semiconductor
CAT1163WI28 ONSEMI-CAT1163WI28 Datasheet
143Kb / 12P
   Supervisory Circuits with Supervisory Circuits with
November, 2011 ??Rev. 10
ASM161 ONSEMI-ASM161 Datasheet
140Kb / 7P
   Supervisory Circuit
August, 2011 ??Rev. 3
logo
Pericom Semiconductor C...
PT7M7436 PERICOM-PT7M7436 Datasheet
358Kb / 6P
   Supervisory Circuit
PT7M6315US PERICOM-PT7M6315US Datasheet
430Kb / 6P
   Supervisory Circuit
logo
Micrel Semiconductor
MIC705 MICREL-MIC705 Datasheet
177Kb / 8P
   Supervisory Circuits
logo
Analog Microelectronics
AME8570 AME-AME8570 Datasheet
196Kb / 17P
   mProcessor Supervisory
logo
ON Semiconductor
N84C163 ONSEMI-N84C163_18 Datasheet
212Kb / 13P
   Supervisory Circuits
May, 2018 ??Rev. 1
logo
Diodes Incorporated
PT7M6314US DIODES-PT7M6314US Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
PT7M6315US DIODES-PT7M6315US Datasheet
991Kb / 8P
   Supervisory Circuit
March 2021 Rev 2-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com