전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FW427IPMR-ACTA 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 FW427IPMR-ACTA
상세설명  Mixed-Signal Microcontroller
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

FW427IPMR-ACTA 데이터시트(HTML) 4 Page - Texas Instruments

  FW427IPMR-ACTA Datasheet HTML 1Page - Texas Instruments FW427IPMR-ACTA Datasheet HTML 2Page - Texas Instruments FW427IPMR-ACTA Datasheet HTML 3Page - Texas Instruments FW427IPMR-ACTA Datasheet HTML 4Page - Texas Instruments FW427IPMR-ACTA Datasheet HTML 5Page - Texas Instruments FW427IPMR-ACTA Datasheet HTML 6Page - Texas Instruments FW427IPMR-ACTA Datasheet HTML 7Page - Texas Instruments FW427IPMR-ACTA Datasheet HTML 8Page - Texas Instruments FW427IPMR-ACTA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
MSP430FW429, MSP430FW428
MSP430FW427, MSP430FW425, MSP430FW423
SLAS383E – OCTOBER 2003 – REVISED DECEMBER 2013
www.ti.com
Table 1. Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AVCC
64
Analog supply voltage, positive terminal. Supplies SVS, brownout, oscillator, comparator_A,
scan IF AFE, port 6, and LCD resistive divider circuitry; must not power up prior to DVCC.
AVSS
62
Analog supply voltage, negative terminal. Supplies SVS, brownout, oscillator, comparator_A,
scan IF AFE. and port 6. Must be externally connected to DVSS. Internally connected to DVSS.
DVCC
1
Digital supply voltage, positive terminal.
DVSS
63
Digital supply voltage, negative terminal.
SIFVSS
10
Scan IF AFE reference supply voltage.
P1.0/TA0.0
53
I/O
General-purpose digital I/O
Timer0_A. Capture: CCI0A input, compare: Out0 output
BSL transmit
P1.1/TA0.0/MCLK
52
I/O
General-purpose digital I/O
Timer0_A. Capture: CCI0B input
MCLK output
BSL receive
Note: TA0.0 is only an input on this pin.
P1.2/TA0.1
51
I/O
General-purpose digital I/O
Timer0_A, capture: CCI1A input, compare: Out1 output
P1.3/TA1.0/SVSOUT
50
I/O
General-purpose digital I/O
Timer1_A, capture: CCI0B input
SVS: output of SVS comparator
Note: TA1.0 is only an input on this pin.
P1.4/TA1.0
49
I/O
General-purpose digital I/O
Timer1_A, capture: CCI0A input, compare: Out0 output
P1.5/TA0CLK/ACLK
48
I/O
General-purpose digital I/O
Input of Timer0_A clock
Output of ACLK
P1.6/CA0
47
I/O
General-purpose digital I/O
Comparator_A input
P1.7/CA1
46
I/O
General-purpose digital I/O
Comparator_A input
P2.0/TA0.2
45
I/O
General-purpose digital I/O
Timer0_A, capture: CCI2A input, compare: Out2 output
P2.1/TA1.1
44
I/O
General-purpose digital I/O
Timer0_A, capture: CCI1A input, compare: Out1 output
P2.2/TA1.2/S23
35
I/O
General-purpose digital I/O
Timer1_A, capture: CCI2A input, compare: Out2 output
LCD segment output 23(1)
P2.3/TA1.3/S22
34
I/O
General-purpose digital I/O
Timer1_A, capture: CCI3A input, compare: Out3 output
LCD segment output 22(1)
P2.4/TA1.4/S21
33
I/O
General-purpose digital I/O
Timer1_A, capture: CCI4A input, compare: Out4 output
LCD segment output 21(1)
P2.5/TA1CLK/S20
32
I/O
General-purpose digital I/O
Iinput of Timer1_A clock
LCD segment output 20(1)
P2.6/CAOUT/S19
31
I/O
General-purpose digital I/O
Comparator_A output
LCD segment output 19(1)
P2.7/SIFCLKG/S18
30
I/O
General-purpose digital I/O
Scan IF, signal SIFCLKG from internal clock generator
LCD segment output 18(1)
P3.0/S17
29
I/O
General-purpose digital I/O
LCD segment output 17(1)
P3.1/S16
28
I/O
General-purpose digital I/O
LCD segment output 16(1)
(1)
LCD function selected automatically when applicable LCD module control bits are set, not with PxSEL bits.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: MSP430FW429 MSP430FW428 MSP430FW427 MSP430FW425 MSP430FW423


유사한 부품 번호 - FW427IPMR-ACTA

제조업체부품명데이터시트상세설명
logo
FutureWafer Tech Co.,Lt...
FW4120LC-0.3PF FUTUREWAFER-FW4120LC-0.3PF Datasheet
848Kb / 5P
   Ultra Low Capacitance ESD array
logo
Taoglas antenna solutio...
FW43BSMAM TAOGLAS-FW43BSMAM Datasheet
1Mb / 12P
   ISM Band 433MHz Flexible Whip Monopole Antenna SMA(M) Straight
logo
Fuji Electric
FW4560 FUJI-FW4560 Datasheet
308Kb / 2P
   Multiservice Provisioning Platform
logo
Taoglas antenna solutio...
FW45BSMAM TAOGLAS-FW45BSMAM Datasheet
1Mb / 13P
   Meteor 450-470MHz Flexible Whip Monopole Antenna SMA(M) Straight
logo
ON Semiconductor
FW4604 ONSEMI-FW4604 Datasheet
147Kb / 7P
   Complementary Dual Power MOSFET
August, 2013
More results

유사한 설명 - FW427IPMR-ACTA

제조업체부품명데이터시트상세설명
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com